Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT459TC Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # FMMT459TC
Description  450V SILICON NPN HIGH VOLTAGE SWITCHING TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMT459TC Datasheet(HTML) 6 Page - Zetex Semiconductors

  FMMT459TC Datasheet HTML 1Page - Zetex Semiconductors FMMT459TC Datasheet HTML 2Page - Zetex Semiconductors FMMT459TC Datasheet HTML 3Page - Zetex Semiconductors FMMT459TC Datasheet HTML 4Page - Zetex Semiconductors FMMT459TC Datasheet HTML 5Page - Zetex Semiconductors FMMT459TC Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Zetex plc
Fields New Road
Chadderton
Oldham, OL9 8NP
United Kingdom
Telephone (44) 161 622 4422
Fax: (44) 161 622 4420
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY11788
USA
Telephone: (631) 360 2222
Fax: (631) 360 8222
Zetex (Asia) Ltd
3701-04 Metroplaza, Tower 1
Hing Fong Road
Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced
for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company
reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to
www.zetex.com
© Zetex plc 2001
FMMT459
6
ISSUE 2 - DECEMBER 2001
PACKAGE DIMENSIONS
PAD LAYOUT DETAILS
DIM
Millimetres
Inches
Min
Max
Min
Max
A
2.67
3.05
0.105
0.120
B
1.20
1.40
0.047
0.055
C
–
1.10
–
0.043
D
0.37
0.53
0.0145
0.021
F
0.085
0.15
0.0033
0.0059
G
NOM 1.9
NOM 0.075
K
0.01
0.10
0.0004
0.004
L
2.10
2.50
0.0825
0.0985
N
NOM
0.95
NOM
0.037



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com