Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT459TC Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # FMMT459TC
Description  450V SILICON NPN HIGH VOLTAGE SWITCHING TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMT459TC Datasheet(HTML) 4 Page - Zetex Semiconductors

  FMMT459TC Datasheet HTML 1Page - Zetex Semiconductors FMMT459TC Datasheet HTML 2Page - Zetex Semiconductors FMMT459TC Datasheet HTML 3Page - Zetex Semiconductors FMMT459TC Datasheet HTML 4Page - Zetex Semiconductors FMMT459TC Datasheet HTML 5Page - Zetex Semiconductors FMMT459TC Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FMMT459
ISSUE 2 - DECEMBER 2001
4
ELECTRICAL CHARACTERISTICS
1m
10m
100m
10m
100m
1
1m
10m
100m
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
1m
10m
100m
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1m
10m
100m
0.4
0.6
0.8
1.0
1m
10m
100m
0.4
0.6
0.8
1.0
0
30
60
90
120
150
180
210
V
CE(SAT)
vI
C
Tamb=25°C
I
C
/I
B
=50
I
C
/I
B
=20
I
C
/I
B
=10
I
C
Collector Current (A)
V
BE(SAT)
vI
C
I
C
/I
B
=20
100°C
25°C
-55°C
I
C
Collector Current (A)
h
FE
vI
C
V
CE
=10V
-55°C
25°C
100°C
I
C
Collector Current (A)
25°C
V
CE(SAT)
vI
C
I
C
/I
B
=20
100°C
-55°C
I
C
Collector Current (A)
V
BE(ON)
vI
C
V
CE
=10V
100°C
25°C
-55°C
I
C
Collector Current (A)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com