Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT459TC Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FMMT459TC
Description  450V SILICON NPN HIGH VOLTAGE SWITCHING TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMT459TC Datasheet(HTML) 1 Page - Zetex Semiconductors

  FMMT459TC Datasheet HTML 1Page - Zetex Semiconductors FMMT459TC Datasheet HTML 2Page - Zetex Semiconductors FMMT459TC Datasheet HTML 3Page - Zetex Semiconductors FMMT459TC Datasheet HTML 4Page - Zetex Semiconductors FMMT459TC Datasheet HTML 5Page - Zetex Semiconductors FMMT459TC Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FMMT459
ISSUE 2 - DECEMBER 2001
1
450V SILICON NPN HIGH VOLTAGE SWITCHING TRANSISTOR
C
E
B
SUMMARY
V
CEO=450V; VCE(sat) = 100mV; IC= 150mA
DESCRIPTION
This new high voltage tranistor provides users with very effiecient
performance combining low VCE (sat) and Hfe to give extremely low on state
losses at 450V operation, making it ideal for use in high efficiency Telecom
and protected line switching applications.
FEATURES
• Low Saturation Voltage - 90mV @ 50mA
• Hfe Min 50 @ 30 mA
• I
C=150mA Continuous
• SOT23 package with Ptot 625mW
• Specification can be supplied in larger package outlines
APPLICATIONS
• Electronic test equipment
• Off line switching circuits
• Piezo Actuators.
• RCD circuits.
ORDERING INFORMATION
DEVICE
REEL SIZE
(inches)
TAPE WIDTH
(mm)
QUANTITY
PER REEL
FMMT459TA
7
8mm embossed
3000 units
FMMT459TC
13
8mm embossed
10000 units
DEVICE MARKING
459
Top View
SOT23


Similar Part No. - FMMT459TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT459TC ZETEX-FMMT459TC Datasheet
236Kb / 6P
500V Silicon NPN high voltage switching transistor
logo
Diodes Incorporated
FMMT459TC DIODES-FMMT459TC Datasheet
196Kb / 6P
500V Silicon NPN high voltage switching transistor
Agust 2005
More results

Similar Description - FMMT459TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APT27 DIODES-APT27_15 Datasheet
338Kb / 5P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 2
APT27H DIODES-APT27H_15 Datasheet
340Kb / 5P
450V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO92
Rev 2
APT13003D DIODES-APT13003D_15 Datasheet
390Kb / 7P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 2
APT13003L DIODES-APT13003L_15 Datasheet
298Kb / 5P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 1
APT13003S DIODES-APT13003S_15 Datasheet
341Kb / 5P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 2
APT13005 DIODES-APT13005_15 Datasheet
306Kb / 6P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 1
APT13005D DIODES-APT13005D_15 Datasheet
554Kb / 7P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 1
APT13005S DIODES-APT13005S_15 Datasheet
369Kb / 8P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 1
DXT13003DK DIODES-DXT13003DK_15 Datasheet
310Kb / 6P
450V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
Rev 1
APT13005D DIODES-APT13005D Datasheet
558Kb / 7P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
June 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com