Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL740 Datasheet(PDF) 10 Page - Micronas

Part # HAL740
Description  Dual Hall-Effect Sensors with Independent Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL740 Datasheet(HTML) 10 Page - Micronas

Back Button HAL740 Datasheet HTML 6Page - Micronas HAL740 Datasheet HTML 7Page - Micronas HAL740 Datasheet HTML 8Page - Micronas HAL740 Datasheet HTML 9Page - Micronas HAL740 Datasheet HTML 10Page - Micronas HAL740 Datasheet HTML 11Page - Micronas HAL740 Datasheet HTML 12Page - Micronas HAL740 Datasheet HTML 13Page - Micronas HAL740 Datasheet HTML 14Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
HAL700, HAL740
DATA SHEET
10
Nov. 30, 2009; DSH000029_002EN
Micronas
3.2. Dimensions of Sensitive Area
0.25 mm
× 0.12 mm
3.3. Positions of Sensitive Areas
3.4. Absolute Maximum Ratings
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these conditions is not implied. Exposure to absolute
maximum rating conditions for extended periods will affect device reliability.
This device contains circuitry to protect the inputs and outputs against damage due to high static voltages or electric
fields; however, it is advised that normal precautions be taken to avoid application of any voltage higher than abso-
lute maximum-rated voltages to this high-impedance circuit.
All voltages listed are referenced to ground (GND).
3.4.1. Storage and Shelf Life
The permissible storage time (shelf life) of the sensors is unlimited, provided the sensors are stored at a maximum of
30 °C and a maximum of 85% relative humidity. At these conditions, no Dry Pack is required.
Solderability is guaranteed for one year from the date code on the package.
SOT89B-2
x1+x2
(2.35
±0.001) mm
x1=x2
1.175 mm nominal
y
0.975 mm nominal
Symbol
Parameter
Pin No.
Min.
Max.
Unit
VDD
Supply Voltage
1
−15
281)
V
VO
Output Voltage
2, 3
−0.3
281)
V
IO
Continuous Output Current
2, 3
−
201)
mA
TJ
Junction Temperature Range
−40
170
°C
1) as long as T
Jmax is not exceeded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com