Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL740 Datasheet(PDF) 18 Page - Micronas

Part # HAL740
Description  Dual Hall-Effect Sensors with Independent Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL740 Datasheet(HTML) 18 Page - Micronas

Back Button HAL740 Datasheet HTML 14Page - Micronas HAL740 Datasheet HTML 15Page - Micronas HAL740 Datasheet HTML 16Page - Micronas HAL740 Datasheet HTML 17Page - Micronas HAL740 Datasheet HTML 18Page - Micronas HAL740 Datasheet HTML 19Page - Micronas HAL740 Datasheet HTML 20Page - Micronas HAL740 Datasheet HTML 21Page - Micronas HAL740 Datasheet HTML 22Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
HAL740
DATA SHEET
18
Nov. 30, 2009; DSH000029_002EN
Micronas
4.2. HAL740
The HAL740 consists of two independent unipolar
switches (see Fig. 4–5) with complementary magnetic
characteristics controlling two independent open-drain
outputs. The Hall plates of the two switches are
spaced 2.35 mm apart.
The S1-Output turns low with the magnetic north pole
on the branded side of the package and turns high if
the magnetic field is removed. It does not respond to
the magnetic south pole on the branded side.
The S2-Output turns low with the magnetic south pole
on the branded side of the package and turns high if
the magnetic field is removed. It does not respond to
the magnetic south pole on the branded side.
Magnetic Features
– two independent Hall-switches
– distance of Hall plates: 2.35 mm
– temperature coefficient of
−2000 ppm/K in all mag-
netic characteristics
– operation with static magnetic fields and dynamic
magnetic fields up to 10 kHz
Applications
The HAL740 is the ideal sensor for applications which
require both magnetic polarities, such as:
– position and direction detection, or
– position and end point detection with either mag-
netic pole (omnipolar switch).
Fig. 4–5: Definition of magnetic switching points for
the HAL740
Magnetic Characteristics
(quasistationary: dB/dT < 0.5 T/ms) at TJ = −40 °C to +100 °C, VDD = 3.8 V to 24 V,
Typical Characteristics for VDD = 12 V. Absolute values common to both Hall switches. The Hall switches S1 and S2
only differ in sign. For S1 the sign is negative, for S2 positive. Positive flux density values refer to the magnetic south
pole at the branded side of the package.
The hysteresis is the difference between the switching points BHYS = BON − BOFF
The magnetic offset is the mean value of the switching points BOFFSET = (BON + BOFF) / 2
BOFF,S2 BON,S2
0
VOL
VO
Output Voltage
B
BHYS
BHYS
BOFF,S1
BON,S1
Parameter
On point BON
Off point BOFF
Hysteresis BHYS
Magnetic Offset
Unit
TJ
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
−40 °C 8.5
12.3
16.0
5.0
8.8
12.5
2.0
−
5.5
−
10.6
−
mT
25
°C 7.0
11.5
16.0
3.5
8.0
12.5
2.0
−
6.0
−
9.8
−
mT
100
°C 5.5
10.8
16.0
2.0
7.0
12.5
1.5
−
6.5
−
8.9
−
mT
140
°C 4.6
10.4
16.0
1.1
6.8
12.5
1.0
−
7.0
−
8.6
−
mT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com