Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL740 Datasheet(PDF) 12 Page - Micronas

Part # HAL740
Description  Dual Hall-Effect Sensors with Independent Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL740 Datasheet(HTML) 12 Page - Micronas

Back Button HAL740 Datasheet HTML 8Page - Micronas HAL740 Datasheet HTML 9Page - Micronas HAL740 Datasheet HTML 10Page - Micronas HAL740 Datasheet HTML 11Page - Micronas HAL740 Datasheet HTML 12Page - Micronas HAL740 Datasheet HTML 13Page - Micronas HAL740 Datasheet HTML 14Page - Micronas HAL740 Datasheet HTML 15Page - Micronas HAL740 Datasheet HTML 16Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
HAL700, HAL740
DATA SHEET
12
Nov. 30, 2009; DSH000029_002EN
Micronas
3.6. Characteristics
at TJ = −40 °C to +140 °C, VDD = 3.8 V to 24 V, GND = 0 V.
at Recommended Operation Conditions if not otherwise specified in the column “Conditions”.
Typical Characteristics for TJ = 25 °C and VDD = 5 V.
Fig. 3–2: Recommended pad size SOT89B-2
Dimensions in mm
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
IDD
Supply Current
1
3
5.5
9
mA
TJ = 25 °C
IDD
Supply Current
over Temperature Range
1
2710
mA
VDDZ
Overvoltage Protection
at Supply
1
−
28.5
32
V
IDD = 25 mA, TJ = 25 °C, t = 2 ms
VOZ
Overvoltage Protection
at Output
2, 3
−
28
32
V
IO = 20 mA, TJ = 25 °C, t = 15 ms
VOL
Output Voltage
2, 3
−
130
280
mV
IOL = 10 mA, TJ = 25 °C
VOL
Output Voltage over
Temperature Range
2, 3
−
130
400
mV
IOL = 10 mA
IOH
Output Leakage Current
2, 3
−
0.06
0.1
μA
Output switched off, TJ = 25 °C,
VOH = 3.8 V to 24 V
IOH
Output Leakage Current over
Temperature Range
2, 3
−−
10
μA
Output switched off, TJ ≤ 140 °C,
VOH = 3.8 V to 24 V
fosc
Internal Sampling Frequency over
Temperature Range
−
100
150
−
kHz
ten(O)
Enable Time of Output after
Setting of VDD
1
−
50
−μsV
DD = 12 V,
B>Bon + 2 mT or B<Boff − 2mT
tr
Output Rise Time
2, 3
−
0.2
−μsV
DD = 12 V, RL = 2.4 kΩ, CL = 20 pF
tf
Output FallTime
2, 3
−
0.2
−μsV
DD = 12 V, RL = 2.4 kΩ, CL = 20 pF
RthJSB
case
SOT89B-2
Thermal Resistance Junction
to Substrate Backside
−−
150
200
K/W
Fiberglass Substrate
30 mm x 10 mm x 1.5 mm,
pad size see Fig. 3–2
1.05
1.05
1.80
0.50
1.50
1.45
2.90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com