Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL740 Datasheet(PDF) 16 Page - Micronas

Part # HAL740
Description  Dual Hall-Effect Sensors with Independent Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL740 Datasheet(HTML) 16 Page - Micronas

Back Button HAL740 Datasheet HTML 12Page - Micronas HAL740 Datasheet HTML 13Page - Micronas HAL740 Datasheet HTML 14Page - Micronas HAL740 Datasheet HTML 15Page - Micronas HAL740 Datasheet HTML 16Page - Micronas HAL740 Datasheet HTML 17Page - Micronas HAL740 Datasheet HTML 18Page - Micronas HAL740 Datasheet HTML 19Page - Micronas HAL740 Datasheet HTML 20Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
HAL700
DATA SHEET
16
Nov. 30, 2009; DSH000029_002EN
Micronas
4. Type Description
4.1. HAL700
The HAL700 consists of two independent latched
switches (see Fig. 4–1) with closely matched magnetic
characteristics controlling two independent open-drain
outputs. The Hall plates of the two switches are
spaced 2.35 mm apart.
In combination with an active target providing a
sequence of alternating magnetic north and south
poles, the sensor forms a system generating the sig-
nals required to control position, speed, and direction
of the target movement.
Magnetic Features
– two independent Hall-switches
– distance of Hall plates: 2.35 mm
–typical BON: 14.9 mT at room temperature
–typical BOFF: −14.9 mT at room temperature
– temperature coefficient of
−2000 ppm/K in all mag-
netic characteristics
– operation with static magnetic fields and dynamic
magnetic fields up to 10 kHz
Fig. 4–1: Definition of magnetic switching points for
the HAL700
Positive flux density values refer to magnetic south
pole at the branded side of the package.
Applications
The HAL700 is the ideal sensors for position-control
applications with direction detection and alternating
magnetic signals such as:
– multipole magnet applications,
– rotating speed and direction measurement,
position tracking (active targets), and
– window lifters.
Magnetic Thresholds
(quasistationary: dB/dt<0.5 mT/ms)
at TJ = −40 °C to +140 °C, VDD = 3.8 V to 24 V,
as not otherwise specified
Typical characteristics for TJ = 25 °C and VDD = 5 V
Matching BS1 and BS2
(quasistationary: dB/dt<0.5 mT/ms)
at TJ = −40 °C to +140 °C, VDD = 3.8 V to 24 V,
as not otherwise specified
Typical characteristics for TJ = 25 °C and VDD = 5 V
Hysteresis Matching
(quasistationary: dB/dt<0.5 mT/ms)
at TJ = −40 °C to +140 °C, VDD = 3.8 V to 24 V,
as not otherwise specified
Typical characteristics for TJ = 25 °C and VDD = 5 V
BOFF
BON
0
VOL
VO
Output Voltage
B
BHYS
Para-
meter
On-Point
BS1on, BS2on
Off-Point
BS1off,, BS2off
Unit
Tj
Min.
Typ.
Max.
Min.
Typ.
Max.
−40 °C
12.5
16.3
20
−20
−16.3 −12.5 mT
25 °C
10.7
14.9
19.1
−19.1 −14.9 −10.7 mT
100 °C
7.7
12.5
17.3
−17.3 −12.5 −7.7
mT
140 °C
6.0
10.9
16.0
−16.0 −10.9 −6.0
mT
Para-
meter
BS1on − BS2on
BS1off − BS2off
Unit
Tj
Min.
Typ
Max.
Min.
Typ
Max.
−40 °C
−7.5
0
7.5
−7.5
0
7.5
mT
25 °C
−7.5
0
7.5
−7.5
0
7.5
mT
100 °C
−7.5
0
7.5
−7.5
0
7.5
mT
140 °C
−7.5
0
7.5
−7.5
0
7.5
mT
Parameter
(BS1on − BS1off) / (BS2on − BS2off)
Unit
Tj
Min.
Typ.
Max.
−40 °C
0.85
1.0
1.2
−
25 °C
0.85
1.0
1.2
−
100 °C
0.85
1.0
1.2
−
140 °C
0.85
1.0
1.2
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com