Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ256DA206 Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 4 Page - Microchip Technology

  PIC24FJ256DA206 Datasheet HTML 1Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 2Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 3Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 4Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 5Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 6Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 7Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 8Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 408 page
background image
PIC24FJ256DA210 FAMILY
DS39969B-page 4
 2010 Microchip Technology Inc.
High-Performance CPU
• Modified Harvard Architecture
• Up to 16 MIPS Operation at 32 MHz
• 8 MHz Internal Oscillator
• 17-Bit x 17-Bit Single-Cycle Hardware Multiplier
• 32-Bit by 16-Bit Hardware Divider
• 16 x 16-Bit Working Register Array
• C Compiler Optimized Instruction Set Architecture
with Flexible Addressing modes
• Linear Program Memory Addressing, up to
12 Mbytes
• Data Memory Addressing, up to 16 Mbytes:
- 2K SFR space
- 30K linear data memory
- 66K extended data memory
- Remaining (from 16 Mbytes) memory (external)
can be accessed using extended data Memory
(
EDS) and EPMP (EDS is divided into 32-Kbyte
pages)
• Two Address Generation Units for Separate Read
and Write Addressing of Data Memory
Power Management:
• On-Chip Voltage Regulator of 1.8V
• Switch between Clock Sources in Real Time
• Idle, Sleep and Doze modes with Fast Wake-up and
Two-Speed Start-up
• Run Mode: 800
A/MIPS, 3.3V Typical
• Sleep mode Current Down to 20
A, 3.3V Typical
• Standby Current with 32 kHz Oscillator: 22
A,
3.3V Typical
Analog Features:
• 10-Bit, up to 24-Channel Analog-to-Digital (A/D)
Converter at 500 ksps:
- Operation is possible in Sleep mode
- Band gap reference input feature
• Three Analog Comparators with Programmable
Input/Output Configuration
• Charge Time Measurement Unit (CTMU):
- Supports capacitive touch sensing for touch
screens and capacitive switches
- Minimum time measurement setting at 100 ps
• Available LVD Interrupt VLVD Level
Special Microcontroller Features:
• Operating Voltage Range of 2.2V to 3.6V
• 5.5V Tolerant Input (digital pins only)
• Configurable Open-Drain Outputs on Digital I/O
Ports
• High-Current Sink/Source (18 mA/18 mA) on all
I/O Ports
• Selectable Power Management modes:
- Sleep, Idle and Doze modes with fast wake-up
• Fail-Safe Clock Monitor (FSCM) Operation:
- Detects clock failure and switches to on-chip,
FRC oscillator
• On-Chip LDO Regulator
• Power-on Reset (POR) and
Oscillator Start-up Timer (OST)
• Brown-out Reset (BOR)
• Flexible Watchdog Timer (WDT) with On-Chip
Low-Power RC Oscillator for Reliable Operation
• In-Circuit Serial Programming™ (ICSP™) and
In-Circuit Debug (ICD) via 2 Pins
• JTAG Boundary Scan Support
• Flash Program Memory:
- 10,000 erase/write cycle endurance (minimum)
- 20-year data retention minimum
- Selectable write protection boundary
- Self-reprogrammable under software control
- Write protection option for Configuration Words



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com