Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ256DA206 Datasheet(PDF) 71 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 71 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 67Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 68Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 69Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 70Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 71Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 72Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 73Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 74Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 408 page
background image
 2010 Microchip Technology Inc.
DS39969B-page 71
PIC24FJ256DA210 FAMILY
4.2.5
EXTENDED DATA SPACE (EDS)
The
enhancement
of
the
data
space
in
PIC24FJ256DA210
family
devices
has
been
accomplished by a new technique, called the Extended
Data Space (EDS).
The EDS includes any additional internal extended
data memory not accessible by the lower 32 Kbytes
data address space, any external memory through
EPMP and the Program Space Visibility (PSV).
The extended data space is always accessed through
the EDS window, the upper half of data space. The
entire extended data space is organized into EDS
pages, each having 32 Kbytes of data. Mapping of the
EDS page into the EDS window is done using the Data
Space Read register (DSRPAG<9:0>) for read opera-
tions and Data Space Write register (DSWPAG<8:0>)
for write operations. Figure 4-4 displays the entire EDS
space.
FIGURE 4-4:
EXTENDED DATA SPACE
Note:
Accessing Page 0 in the EDS window will
generate an address error trap as Page 0
is the base data memory (data locations,
0x0800 to 0x7FFF, in the lower data
space).
0x0000
Extended SRAM(1) (66 KB)
Special
Registers
30 KB Data
32 KB EDS
Window
Memory
0x8000
Program Memory
DSxPAG
= 0x001
DSxPAG
= 0x003
DSx PAG
= 0x1FF
DSRPAG
= 0x200
DSRPAG
= 0x3FF
Function
0x008000
0x00FFFE
0x000000
0x7F8001
0xFFFFFE
0x007FFE
0x7FFFFF
Internal
Program
Space
0x0800
0xFFFE
EDS Space
EPMP Memory Space(2)
0x018000
0x0187FE
Extended
Memory(1)
Internal
Extended
Memory(1)
External
Memory
Access
using
EPMP(2)
External
Memory
Access
using
EPMP(2)
0xFF8000
DSRPAG
= 0x2FF
0x7F8000
0x7FFFFE
Access
Program
Space
Access
Program
Space
Access
DSRPAG
= 0x300
0x000001
0x007FFF
Program
Space
Access
0x01FFFE
0x018800
Note
1:
Available only in PIC24FJXXXDA2XX devices. In the PIC24FJXXXDA110 devices, this space can be used to access external
memory using EPMP.
2:
Available only in PIC24FJXXXDAX10 devices (100-pin).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com