Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ256DA206 Datasheet(PDF) 97 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 97 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 93Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 94Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 95Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 96Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 97Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 98Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 99Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 100Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 408 page
background image
 2010 Microchip Technology Inc.
DS39969B-page 97
PIC24FJ256DA210 FAMILY
The CORCON register contains the IPL3 bit, which,
together with IPL<2:0>, indicates the current CPU
priority level. IPL3 is a read-only bit so that trap events
cannot be masked by the user software.
The interrupt controller has the Interrupt Controller Test
register, INTTREG, which displays the status of the
interrupt controller. When an interrupt request occurs,
it’s associated vector number and the new interrupt pri-
ority level are latched into INTTREG. This information
can be used to determine a specific interrupt source if
a generic ISR is used for multiple vectors (such as
when ISR remapping is used in bootloader applica-
tions) or to check if another interrupt is pending while in
an ISR.
All interrupt registers are described in Register 7-1
through Register 7-40 in the succeeding pages.
REGISTER 7-1:
SR: ALU STATUS REGISTER (IN CPU)
U-0
U-0
U-0
U-0
U-0
U-0
U-0
R-0, HSC
—
—
—
—
—
—
—
DC(1)
bit 15
bit 8
R/W-0, HSC
R/W-0, HSC R/W-0, HSC
R-0, HSC
R/W-0, HSC R/W-0, HSC
R/W-0, HSC R/W-0, HSC
IPL2(2,3)
IPL1(2,3)
IPL0(2,3)
RA(1)
N(1)
OV(1)
Z(1)
C(1)
bit 7
bit 0
Legend:
HSC = Hardware Settable/Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-9
Unimplemented: Read as ‘0’
bit 7-5
IPL<2:0>: CPU Interrupt Priority Level Status bits(2,3)
111
= CPU interrupt priority level is 7 (15); user interrupts are disabled
110
= CPU interrupt priority level is 6 (14)
101
= CPU interrupt priority level is 5 (13)
100
= CPU interrupt priority level is 4 (12)
011
= CPU interrupt priority level is 3 (11)
010
= CPU interrupt priority level is 2 (10)
001
= CPU interrupt priority level is 1 (9)
000
= CPU interrupt priority level is 0 (8)
Note 1:
See Register 3-1 for the description of the remaining bits (bit 8, 4, 3, 2, 1 and 0) that are not dedicated to
interrupt control functions.
2:
The IPL bits are concatenated with the IPL3 (CORCON<3>) bit to form the CPU interrupt priority level.
The value in parentheses indicates the interrupt priority level if IPL3 = 1.
3:
The IPL Status bits are read-only when NSTDIS (INTCON1<15>) = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com