Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ256DA206 Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 45Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 46Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 47Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 48Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 49Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 50Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 51Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 52Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 408 page
background image
 2010 Microchip Technology Inc.
DS39969B-page 49
PIC24FJ256DA210 FAMILY
4.2.2
DATA MEMORY ORGANIZATION
AND ALIGNMENT
To maintain backward compatibility with PIC® MCUs and
improve data space memory usage efficiency, the
PIC24F instruction set supports both word and byte
operations. As a consequence of byte accessibility, all
EA calculations are internally scaled to step through
word-aligned memory. For example, the core recognizes
that Post-Modified Register Indirect Addressing mode
[Ws++] will result in a value of Ws + 1 for byte operations
and Ws + 2 for word operations.
Data byte reads will read the complete word, which
contains the byte, using the LSB of any EA to deter-
mine which byte to select. The selected byte is placed
onto the LSB of the data path. That is, data memory
and registers are organized as two parallel, byte-wide
entities with shared (word) address decode but
separate write lines. Data byte writes only write to the
corresponding side of the array or register which
matches the byte address.
All word accesses must be aligned to an even address.
Misaligned word data fetches are not supported, so
care must be taken when mixing byte and word
operations or translating from 8-bit MCU code. If a
misaligned read or write is attempted, an address error
trap will be generated. If the error occurred on a read,
the instruction underway is completed; if it occurred on
a write, the instruction will be executed but the write will
not occur. In either case, a trap is then executed, allow-
ing the system and/or user to examine the machine
state prior to execution of the address Fault.
All byte loads into any W register are loaded into the
LSB. The Most Significant Byte (MSB) is not modified.
A sign-extend instruction (SE) is provided to allow
users to translate 8-bit signed data to 16-bit signed
values. Alternatively, for 16-bit unsigned data, users
can clear the MSB of any W register by executing a
zero-extend (ZE) instruction on the appropriate
address.
Although most instructions are capable of operating on
word or byte data sizes, it should be noted that some
instructions operate only on words.
4.2.3
NEAR DATA SPACE
The 8-Kbyte area between 0000h and 1FFFh is
referred to as the near data space. Locations in this
space are directly addressable via a 13-bit absolute
address field within all memory direct instructions. The
remainder of the data space is addressable indirectly.
Additionally, the whole data space is addressable using
MOV
instructions, which support Memory Direct
Addressing with a 16-bit address field.
4.2.4
SPECIAL FUNCTION REGISTER
(SFR) SPACE
The first 2 Kbytes of the near data space, from 0000h
to 07FFh, are primarily occupied with Special Function
Registers (SFRs). These are used by the PIC24F core
and peripheral modules for controlling the operation of
the device.
SFRs are distributed among the modules that they con-
trol and are generally grouped together by module.
Much of the SFR space contains unused addresses;
these are read as ‘0’. A diagram of the SFR space,
showing where the SFRs are actually implemented, is
shown in Table 4-3. Each implemented area indicates
a 32-byte region where at least one address is imple-
mented as an SFR. A complete list of implemented
SFRs, including their addresses, is shown in Tables 4-4
throughTable 4-34.
TABLE 4-3:
IMPLEMENTED REGIONS OF SFR DATA SPACE
SFR Space Address
xx00
xx20
xx40
xx60
xx80
xxA0
xxC0
xxE0
000h
Core
ICN
Interrupts
100h
Timers
Capture
Compare
200h
I2C™
UART
SPI/UART
SPI/I2C
SPI
UART
I/O
300h
ADC/CTMU
—
—
—
—
—
400h
—
—
—
—
USB
ANSEL
500h
—
—
—
—
—
—
—
—
600h
EPMP
RTC/Comp
CRC
—
PPS
—
700h
GFX Controller
System
NVM/PMD
—
—
—
—
Legend: — = No implemented SFRs in this block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com