Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61884 Datasheet(PDF) 48 Page - Cirrus Logic

Part # CS61884
Description  Octal T1/E1/J1 Line Interface Unit
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884 Datasheet(HTML) 48 Page - Cirrus Logic

Back Button CS61884 Datasheet HTML 44Page - Cirrus Logic CS61884 Datasheet HTML 45Page - Cirrus Logic CS61884 Datasheet HTML 46Page - Cirrus Logic CS61884 Datasheet HTML 47Page - Cirrus Logic CS61884 Datasheet HTML 48Page - Cirrus Logic CS61884 Datasheet HTML 49Page - Cirrus Logic CS61884 Datasheet HTML 50Page - Cirrus Logic CS61884 Datasheet HTML 51Page - Cirrus Logic CS61884 Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 71 page
background image
CS61884
48
DS485F1
16.3 Device ID Register (IDR)
Revision section: 0h = Rev A, 1h = Rev B and so on. The device Identification Code [27 - 12] is derived
from the last three digits of the part number (884). The LSB is a constant 1, as defined by IEEE 1149.1.
17. BOUNDARY SCAN REGISTER (BSR)
The BSR is a shift register that provides access to the digital I/O pins. The BSR is used to read and write
the device pins to verify interchip connectivity. Each pin has a corresponding scan cell in the register. The
pin to scan cell mapping is given in the BSR description shown in Table 11.
NOTE: Data is shifted LSB first into the BSR register.
CS61884 IDCODE REGISTER(IDR)
REVISION
DEVICE IDCODE REGISTER
MANUFACTURER CODE
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9876543210
0h
0h
8h
8h
4h
0h
Oh
9h
0000000010001000010000 0011001001
Table 11. Boundary Scan Register
BSR
Bit
Pin
Name
Cell
Type
Bit
Symbol
0
LOS7
O
LOS7
1
RNEG7
O
RNEG7
2
RPOS7
O
RPOS7
3
RCLK7
O
RCLK7
4
-
Note 2
HIZ7_B
5
TNEG7
I
TNEG7
6
TPOS7
I
TPOS7
7
TCLK7
I
TCLK7
8
LOS6
O
LOS6_B
9
RNEG6
O
RNEG6
10
RPOS6
O
RPOS6
11
RCLK6
O
RCLK6
12
-
Note 2
HIZ6_B
13
TNEG6
I
TNEG6
14
TPOS6
I
TPOS6
15
TCLK6
I
TCLK6
16
MCLK
I
MCLK
17
MODE
I
MODE_TRI
18
MODE
I
MODE_IN
19
ADDR4
I
ADDR4
20
ADDR3
I
ADDR3
21
ADDR2
I
ADDR2
22
ADDR1
I
ADDR1
23
ADDR0
I
ADDR0
24
LOOP0/D0
I
LPT0
25
LOOP0/D0
I
LPI0
26
LOOP0/D0
O
LPO0
27
LOOP1/D1
I
LPT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com