Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61884 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS61884
Description  Octal T1/E1/J1 Line Interface Unit
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS61884 Datasheet HTML 34Page - Cirrus Logic CS61884 Datasheet HTML 35Page - Cirrus Logic CS61884 Datasheet HTML 36Page - Cirrus Logic CS61884 Datasheet HTML 37Page - Cirrus Logic CS61884 Datasheet HTML 38Page - Cirrus Logic CS61884 Datasheet HTML 39Page - Cirrus Logic CS61884 Datasheet HTML 40Page - Cirrus Logic CS61884 Datasheet HTML 41Page - Cirrus Logic CS61884 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 71 page
background image
CS61884
38
DS485F1
14.16 Global Control Register (0Fh)
14.17 Line Length Channel ID Register (10h)
BIT
NAME
Description
This register is the global control for the AWG Auto-Increment, Automatic AIS insertion,
encoding/decoding and the jitter attenuators location, FIFO length and corner frequency for
all eight channels. Register bits default to 00h after power-up or reset.
[7]
AWG Auto-
Increment
The AWG Auto-Increment bit indicates whether to auto-increment the AWG Phase Address
Register (17h) (See Section 14.24 on page 40) after each access. Thus, when this bit is set,
the phase samples address portion of the address register increments after each read or
write access. This bit must be set before any bit in the AWG Enable register is set, if this
function is required.
[6]
RAISEN
On LOS, this bit controls the automatic AIS insertion into all eight receiver paths.
0 = Disabled
1 = Enabled
[5]
RSVD
RESERVED (This bit must be set to 0.)
[4]
CODEN
Line encoding/decoding Selection
0 = B8ZS/HDB3 (T1/J1/E1 respectively)
1 = AMI
[3]
FIFO
LENGTH
Jitter Attenuator FIFO length Selection
0 = 32 bits
1 = 64 bits
[2]
JACF
Jitter Attenuator Corner Frequency Selection
E1
T1/J1
0 = 1.25Hz
3.78Hz
1 = 2.50Hz
7.56Hz
[1:0] JASEL [1:0]
These bits select the position of the Jitter Attenuator.
BIT
NAME
Description
[7:3]
RSVD 7-3
RESERVED (These bits must be set to 0.)
[2:0]
LLID 2-0
The value written to these bits specify the LIU channel for which the Pulse Shape Configura-
tion Data (register 11h) applies. For example, writing a value of a binary 000 to the 3-LSBs
will select channel 0. The pulse shape configuration data for the channel specified in this reg-
ister are written or read through the Line Length Data Register (11h). Register bits default
to 00h after power-up or reset.
JASEL 1 JASEL 0
POSITION
0
0
Disabled
0
1
Transmit Path
1
0
Disabled
1
1
Receive Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com