Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61884 Datasheet(PDF) 61 Page - Cirrus Logic

Part # CS61884
Description  Octal T1/E1/J1 Line Interface Unit
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884 Datasheet(HTML) 61 Page - Cirrus Logic

Back Button CS61884 Datasheet HTML 57Page - Cirrus Logic CS61884 Datasheet HTML 58Page - Cirrus Logic CS61884 Datasheet HTML 59Page - Cirrus Logic CS61884 Datasheet HTML 60Page - Cirrus Logic CS61884 Datasheet HTML 61Page - Cirrus Logic CS61884 Datasheet HTML 62Page - Cirrus Logic CS61884 Datasheet HTML 63Page - Cirrus Logic CS61884 Datasheet HTML 64Page - Cirrus Logic CS61884 Datasheet HTML 65Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 71 page
background image
CS61884
DS485F1
61
19.10 Switching Characteristics - Serial Port
Notes: 23. If SPOL = 0, then CS should return high no sooner than 20 ns after the 16th rising edge of SCLK during
a serial port read.
Parameter
Symbol
Min.
Typ.
Max
Unit
SDI to SCLK Setup Time
tdc
-20-
ns
SCLK to SDI Hold Time
tcdh
-20-
ns
SCLK Low Time
tcl
-50-
ns
SCLK High Time
tch
-50-
ns
SCLK Rise and Fall Time
tr, tf
-15-
ns
CS to SCLK Setup Time
tcc
-20-
ns
SCLK to CS Hold Time
Note 23
tcch
-20-
ns
CS Inactive Time
tcwh
-70-
ns
SDO Valid to SCLK
Note 23
tcdv
-60-
ns
CS to SDO High Z
tcdz
-50-
ns
CS
SDI
SCLK
SDO
CLKE=1
LAST ADDR BIT
SDO
CLKE=0
HIGH Z
t
cdv
t
cdv
t
cdz
D0
D1
D0
D6
D1
D6
D7
D7
Figure 24. Serial Port Read Timing Diagram
CS
SCLK
t
cc
SDI
LSB
LSB
MSB
t
ch
t
cl
t
cch
t
cwh
t
dc
t
cdh
t
cdh
Figure 25. Serial Port Write Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com