Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61884 Datasheet(PDF) 62 Page - Cirrus Logic

Part # CS61884
Description  Octal T1/E1/J1 Line Interface Unit
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884 Datasheet(HTML) 62 Page - Cirrus Logic

Back Button CS61884 Datasheet HTML 58Page - Cirrus Logic CS61884 Datasheet HTML 59Page - Cirrus Logic CS61884 Datasheet HTML 60Page - Cirrus Logic CS61884 Datasheet HTML 61Page - Cirrus Logic CS61884 Datasheet HTML 62Page - Cirrus Logic CS61884 Datasheet HTML 63Page - Cirrus Logic CS61884 Datasheet HTML 64Page - Cirrus Logic CS61884 Datasheet HTML 65Page - Cirrus Logic CS61884 Datasheet HTML 66Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 71 page
background image
CS61884
62
DS485F1
19.11 Switching Characteristics - Parallel Port (Multiplexed Mode)
* All paramters guaranteed by production, characterization or design.
Parameter
Ref. #
Min.
Typ.
Max
Unit
Pulse Width AS or ALE High
1
25
-
-
ns
Muxed Address Setup Time to AS or ALE Low
2
10
-
-
ns
Muxed Address Hold Time
3
5
-
-
ns
Delay Time AS or ALE to WR, RD or DS
45
-
-
ns
CS & R/W Setup Time Before WR, RD or DS Low
5
0
-
-
ns
CS & R/W Hold Time
6
0
-
-
ns
Pulse Width, WR, RD, or DS
770
-
-
ns
Write Data Setup Time
8
30
-
-
ns
Write Data Hold Time
9
30
-
-
ns
Output Data Delay Time from RD or DS Low
10
-
-
100
ns
Read Data Hold Time
11
5
-
-
ns
Delay Time WR, RD, or DS to ALE or AS Rise
12
30
-
-
ns
WR or RD Low to RDY Low
13
-
-
55
ns
WR or RD Low to RDY High
14
-
-
100
ns
WR or RD High to RDY HIGH-Z
15
-
-
40
ns
DS Low to ACK High
16
-
-
65
ns
DS Low to ACK Low
17
-
-
100
ns
DS High to ACK HIGH-Z
18
-
-
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com