Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3310 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS3310
Description  Stereo Digital Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3310 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS3310 Datasheet HTML 7Page - Cirrus Logic CS3310 Datasheet HTML 8Page - Cirrus Logic CS3310 Datasheet HTML 9Page - Cirrus Logic CS3310 Datasheet HTML 10Page - Cirrus Logic CS3310 Datasheet HTML 11Page - Cirrus Logic CS3310 Datasheet HTML 12Page - Cirrus Logic CS3310 Datasheet HTML 13Page - Cirrus Logic CS3310 Datasheet HTML 14Page - Cirrus Logic CS3310 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
CS3310
DS82F1
11
Figure 7 is a 16k FFT plot demonstrating the crosstalk performance of the CS3310 at 20 kHz.
Both channels were set to unity gain. The right channel input is grounded with the left channel
driven to 2.65 Vrms output at 20 kHz. The FFT plot is of the right channel output. This indicates
channel to channel crosstalk of -130 dB at 20 kHz.
Figure 10 is a series of plots which display the unity-gain THD+N vs. Frequency for 600
Ω, 2 kΩ
and infinite load conditions. The output was set to 2 Vrms. The Audio Precision System One was
bandlimited to 22 kHz
Figure 11 is a series of plots which display the unity-gain THD+N vs. Frequency for 1, 2 and 2.8
Vrms output levels. The output load was open circuit. The Audio Precision System One was
bandlimited to 22 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com