Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3310 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS3310
Description  Stereo Digital Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3310 Datasheet(HTML) 3 Page - Cirrus Logic

  CS3310 Datasheet HTML 1Page - Cirrus Logic CS3310 Datasheet HTML 2Page - Cirrus Logic CS3310 Datasheet HTML 3Page - Cirrus Logic CS3310 Datasheet HTML 4Page - Cirrus Logic CS3310 Datasheet HTML 5Page - Cirrus Logic CS3310 Datasheet HTML 6Page - Cirrus Logic CS3310 Datasheet HTML 7Page - Cirrus Logic CS3310 Datasheet HTML 8Page - Cirrus Logic CS3310 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CS3310
DS82F1
3
DIGITAL CHARACTERISTICS (T
A = 25 °C, VA+ , VD+ = 5V ± 5%, VA- = -5V ± 5% )
SWITCHING CHARACTERISTICS (T
A = 25 °C; VA+, VD+ = +5V ± 5%; VA- = -5V ± 5%; CL = 20 pF)
Parameter
Symbol
Min
Typ
Max
Unit
High-Level Input Voltage
VIH
2.0
-
VD+0.3
V
Low-Level Input Voltage
VIL
-0.3
-
+0.8
V
High-Level Output Voltage
(I O = 200µA)
VOH
VD-1.0
-
-
V
Low-Level Output Voltage
(I O = 3.2mA)
VOL
--
0.4
V
Input Leakage Current
Iin
-1.0
10
µA
Parameter
Symbol
Min
Typ
Max
Unit
Serial Clock
SCLK
0
-
-
MHz
Serial Clock
Pulse Width High
Pulse Width Low
tph
tpl
80
80
-
-
-
-
ns
ns
MUTE
Pulse Width Low
-
2.0
-
-
ms
Input Timing
SDATAI Set Up Time
tSDVS
20
-
-
ns
SDATAI Hold Time
tSDH
20
-
-
ns
CS Valid to SCLK Rising
tCSVS
30
-
-
ns
SCLK Falling to CS High
tLTH
35
-
-
ns
Output Timing
CS Low to Output Active
tCSH
-
-
35
ns
SCLK Falling to Data Valid
tSSD
-
-
60
ns
CS High to SDATAO Inactive
tCSDH
--
100
ns
t CSVS
t SDVS
tSDH
SCLK
SDATAI
CS
SDATAO
t CSH
tCSDH
t SSD
MSB
tLTH
Figure 1. Serial Port Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com