Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3310 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS3310
Description  Stereo Digital Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3310 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS3310 Datasheet HTML 9Page - Cirrus Logic CS3310 Datasheet HTML 10Page - Cirrus Logic CS3310 Datasheet HTML 11Page - Cirrus Logic CS3310 Datasheet HTML 12Page - Cirrus Logic CS3310 Datasheet HTML 13Page - Cirrus Logic CS3310 Datasheet HTML 14Page - Cirrus Logic CS3310 Datasheet HTML 15Page - Cirrus Logic CS3310 Datasheet HTML 16Page - Cirrus Logic CS3310 Datasheet HTML 17Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
CS3310
DS82F1
15
ZCEN - Zero Crossing Enable, Pin 1.
This pin enables or disables the zero crossing detection and time-out function used
during analog output level transitions. A high level on this pin enables the zero
crossing detection function. A low level on this pin disables the zero crossing
detection.
PARAMETER DEFINITIONS
Dynamic Range
Full scale (RMS) signal to broadband noise ratio. The broadband noise is measured
over the specified bandwidth with the input grounded. Units in decibels.
Total Harmonic Distortion plus Noise
The ratio of the rms value of the signal to the rms sum of all other spectral
components over the specified bandwidth (typically 10 Hz to 20 kHz), including
distortion components. Expressed in decibels.
Interchannel Isolation
A measure of crosstalk between the left and right channels. Measured for each
channel at the converter’s output with the input under test grounded and a full-scale
signal applied to the other channel. Units in decibels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com