Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3310 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS3310
Description  Stereo Digital Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3310 Datasheet(HTML) 2 Page - Cirrus Logic

  CS3310 Datasheet HTML 1Page - Cirrus Logic CS3310 Datasheet HTML 2Page - Cirrus Logic CS3310 Datasheet HTML 3Page - Cirrus Logic CS3310 Datasheet HTML 4Page - Cirrus Logic CS3310 Datasheet HTML 5Page - Cirrus Logic CS3310 Datasheet HTML 6Page - Cirrus Logic CS3310 Datasheet HTML 7Page - Cirrus Logic CS3310 Datasheet HTML 8Page - Cirrus Logic CS3310 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CS3310
2
DS82F1
ANALOG CHARACTERISTICS (T
A = 25 °C, VA+, VD+ = 5 V ± 5%; VA- = -5V ± 5%; Rs = 0; RL =
2k
Ω; CL = 20 pF; 10 Hz to 20 kHz Measurement Bandwidth; unless otherwise specified)
Notes: 1. Measured with input grounded and Gain = 1. Will increase as a function of Gain settings >1.
2. This parameter is guaranteed by design and/or characterization.
Parameter
Symbol
Min
Typ
Max
Unit
DC Characteristics
Step Size
-
0.5
-
dB
Gain Error (31.5 dB Gain)
-
±0.05
-
dB
Gain Matching Between Channels
-
±0.05
-
dB
Input Resistance
RIN
810
-
k
Ω
Input Capacitance
CIN
-10
-
pF
AC Characteristics
Total Harmonic Distortion plus Noise (V in = 2V rms, 1 kHz)
THD+N
-
0.001
.0025
%
Dynamic Range
110
116
-
dB
Input/Output Voltage Range
(VA-)+1.25
-
(VA+)-1.25
V
Output Noise
(Note 1)
-
4.2
8.4
µVrms
Digital Feedthrough (Peak Component)
(Note 2)
-80
-
-
dB
Interchannel Isolation (1 kHz)
(Note 2)
-100
-110
-
dB
Output Buffer
Offset Voltage
(Note 1)
VOS
-
0.25
0.75
mV
Load Capacitance
-
-
100
pF
Short Circuit Current
-
20
-
mA
Unity Gain Bandwidth, Small Signal
(Note 2)
2
-
-
MHz
Power Supplies
Supply Current (No Load, AIN = 0 V)
IA+
IA-
ID+
-
-
-
7.0
7.0
450
9.0
9.0
800
mA
mA
µA
Power Consumption
PD
-72
94
mW
Power Supply Rejection Ratio (250 Hz)
PSRR
-
80
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com