Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1715ARMZ-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADP1715ARMZ-R7
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1715ARMZ-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADP1715ARMZ-R7 Datasheet HTML 38Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 39Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 40Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 41Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 42Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 43Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 44Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 45Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 75 page
background image
Push Buttons and Switches
2-8
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
UART Setup Switch (SW1)
The UART setup switch (SW1) configures the UART0 signals between the
DCE connector (J1) and processor. Table 2-5 shows the switch settings.
Boot Mode Select Switch (SW2)
The boot mode select switch (SW2) determines the boot mode of the pro-
cessor. Table 2-5 shows the available boot mode settings. By default, the
ADSP-BF506F processor boots from SPI flash memory.
Table 2-4. UART Setup Switch (SW1)
SW1 Position
Function
1 and 3
Enable flow control
2
Disconnects the UART_RX signal from the processor;
the UART_RX signal can be used for another function
4
Connects the RTS and CTS signals together
5
Allows the host to reset the EZ-KIT Lite via the CTS signal
6 and 7
Selects the source for the CTS signal
8
Loops the TX and RX signals together for testing
Table 2-5. Boot Mode Select Switch (SW2)
SW2 Position
Processor Boot Mode
0
Idle—no boot
1
Boots from stacked parallel flash in asynchronous mode
2
Boots from stacked parallel flash in synchronous mode
3
Boots through SPI0 master from SPI memory
4
Boots through SPI0 slave from host device
5
Boots through PPI from host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com