Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1715ARMZ-R7 Datasheet(PDF) 69 Page - Analog Devices

Part # ADP1715ARMZ-R7
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1715ARMZ-R7 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADP1715ARMZ-R7 Datasheet HTML 65Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 66Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 67Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 68Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 69Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 70Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 71Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 72Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 75 page
background image
C122
0.01UF
0402
3.3V
3.3V
0402
10K
R98
R99
10K
0402
3.3V
0402
0.1UF
C89
0402
0.1UF
C90
U16
SOIC16
ADM3202ARNZ
6
2
7
10
14
11
9
8
12
13
5
4
3
1
C1+
C1-
C2+
C2-
R1IN
R1OUT
R2IN
R2OUT
T1IN
T1OUT
T2IN
T2OUT
V+
V-
3.3V
J1
CON038
9
8
7
6
5
4
3
2
1
0402
0.1UF
C92
3.3V
0805
100
R92
100
0805
R94
MOMENTARY
SWT024
SW8
0603
330
R84
0603
330
R85
R86
330
0603
R87
330
0603
3.3V
0402
0.01UF
C86
R90
0402
10K
GREEN
LED001
LED5
3.3V
C85
0.01UF
0402
R82
0402
10K
3.3V
LED001
RED
LED1
10K
0402
R79
0402
0.01UF
C83
3.3V
R89
0402
10K
R88
0402
10K
74LVC14A
U1
SOIC14
6
5
R83
0402
10K
YELLOW
LED001
LED4
LED001
YELLOW
LED3
YELLOW
LED001
LED2
SWT024
MOMENTARY
SW7
SW3
DIP2
SWT020
3
4
2
1
R81
0402
10K
SOIC14
U1
74LVC14A
8
9
74LVC14A
U1
SOIC14
10
11
SOIC14
U1
74LVC14A
12
13
3.3V
RESET, LEDS, PUSH BUTTONS, UART, SD
7
10
17-12-2009_16:20
D
4
3
2
1
A
B
C
20 Cotton Road
Nashua, NH 03063
A
B
C
D
4
3
2
1
PH: 1-800-ANALOGD
C
Title
Size
Board No.
Date
Sheet
of
DEVICES
ANALOG
Rev
A0226-2009
ADSP-BF506F EZ-KIT LITE
1.0
3.3V
10K
0402
R91
10K
0402
R95
1UF
0805
C87
C88
0805
1UF
0603
330
R80
C93
0.01UF
0402
0805
10UF
C121
R101
10K
0402
0402
10K
R108
J3
CON067
14
15
16
24
23
22
17
20
13
12
11
10
1
9
8
7
2
5
CLK
CMD
DAT0
DAT1
DAT2
DAT3
DAT4
DAT5
DAT6
DAT7
MINI_SD_CLK
MINI_SD_CMD
MINI_SD_DAT0
MINI_SD_DAT1
MINI_SD_DAT2
MINI_SD_DAT3
CD
WP
SSOP20
U5
IDT74FCT3244APY
19
1
3
5
7
9
17
15
13
11
12
14
16
18
8
6
4
2
1A1
1A2
1A3
1A4
1Y1
1Y2
1Y3
1Y4
2A1
2A2
2A3
2A4
2Y1
2Y2
2Y3
2Y4
OE1
OE2
SOIC8
U17
ADM708SARZ
7
5
1
8
4
PFI
RESET
MR
PFO
RESET
SWT024
MOMENTARY
SW6
SOIC14
U1
74LVC14A
4
3
SOIC14
U1
74LVC14A
2
1
SOT23-5
U18
SN74LVC1G08
4
2
1
SN74LVC1G08
U20
SOT23-5
4
2
1
0402
0.01UF
C84
3.3V
SW1
DIP8
SWT016
9
10
11
12
13
14
15
16
4
5
6
3
7
2
1
8
0.1UF
0402
C91
R137
10K
0402
0402
33
R136
RNS003
33
RN1
9
8
10
7
11
6
12
5
13
4
14
3
15
2
16
1
R1A
R1B
R2A
R2B
R3A
R3B
R4A
R4B
R5A
R5B
R6A
R6B
R7A
R7B
R8A
R8B
R135
33
0402
0402
10K
R134
0402
10K
R100
R142
33
0402
0402
33
R141
UART0_CTS/SD_D7
UART0_CTS/SD_D7
UART0_RTS/SD_D6
UART0_RTS/SD_D6
UART0_TX/SD_D5
UART0_TX/SD_D5
UART0_RX/SD_D4
UART0_RX/SD_D4
ACM_SGLDIFF/SD_D3
ACM_RANGE/SD_D2
ADC_DOUTB/SD_D1
ADC_DOUTA/SD_D0
LED0
LED1
LED2
PB0
PB1
RESET
ADC_SCLK/SD_CLK
ADC_CS/SD_CMD
SD_CD
SD_WP
DA_SOFT_RESET
CTS
CTS
"DCE"
"UART0 SETUP"
"PB2"
"PB1"
"POWER"
"RESET"
"PB ENABLE"
"RESET"
"SD CARD"
(UART 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com