Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1715ARMZ-R7 Datasheet(PDF) 70 Page - Analog Devices

Part # ADP1715ARMZ-R7
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1715ARMZ-R7 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADP1715ARMZ-R7 Datasheet HTML 66Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 67Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 68Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 69Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 70Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 71Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 72Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 73Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 75 page
background image
3.3V
3.3V
3.3V
P5
DMAX_ALT
DNP
B1
A27
A24
A21
A18
A15
A12
A9
B25
B22
B19
B16
B13
B10
B7
B4
A6
A3
B9
B8
B6
B5
A5
A4
B27
B26
B3
A26
A25
B24
B23
A23
A22
A20
A19
B18
B17
B2
A17
A16
B15
B14
A14
A13
B12
B11
A11
A10
A2
A1
B20
B21
A8
A7
CLK1+
CLK1-
CLK2+
CLK2-
D0
D1
D10
D11
D12
D13
D14
D15
D16
D17
D18
D19
D2
D20
D21
D22
D23
D24
D25
D26
D27
D28
D29
D3
D30
D31
D4
D5
D6
D7
D8
D9
GND0
GND1
GND10
GND11
GND12
GND13
GND14
GND15
GND16
GND17
GND2
GND3
GND4
GND5
GND6
GND7
GND8
GND9
DMAX_ALT
P6
DNP
B1
A27
A24
A21
A18
A15
A12
A9
B25
B22
B19
B16
B13
B10
B7
B4
A6
A3
B9
B8
B6
B5
A5
A4
B27
B26
B3
A26
A25
B24
B23
A23
A22
A20
A19
B18
B17
B2
A17
A16
B15
B14
A14
A13
B12
B11
A11
A10
A2
A1
B20
B21
A8
A7
CLK1+
CLK1-
CLK2+
CLK2-
D0
D1
D10
D11
D12
D13
D14
D15
D16
D17
D18
D19
D2
D20
D21
D22
D23
D24
D25
D26
D27
D28
D29
D3
D30
D31
D4
D5
D6
D7
D8
D9
GND0
GND1
GND10
GND11
GND12
GND13
GND14
GND15
GND16
GND17
GND2
GND3
GND4
GND5
GND6
GND7
GND8
GND9
EXPANSION INTERFACE, DMAX
8
10
17-12-2009_16:20
D
4
3
2
1
A
B
C
20 Cotton Road
Nashua, NH 03063
A
B
C
D
4
3
2
1
PH: 1-800-ANALOGD
C
Title
Size
Board No.
Date
Sheet
of
DEVICES
ANALOG
Rev
A0226-2009
ADSP-BF506F EZ-KIT LITE
1.0
IDC35X2_SMTA
P3
63
59
57
53
55
49
62
8
12
10
9
2
37
51
47
45
43
41
39
56
50
48
46
44
40
38
52
60
58
54
42
15
14
13
25
26
23
24
21
22
19
20
33
34
31
32
29
30
27
28
17
16
18
6
4
7
5
3
1
36
35
11
69
66
68
67
64
61
65
70
RSVD7
RSVD2
SDA
RSVD1
RSVD4
RSVD5
RSVD3
RSVD6
GND6
TIMER2/GPIO
TIMER1/GPIO
GND1
GND2
GND3
GND4
PWR_IN2
VDDIO1
PPI0D0
PPI0CLK
PPI0D1
PPI0D10
PPI0D11
PPI0D12
PPI0D13
PPI0D14
PPI0D15
PPI0D16
PPI0D17
PPI0D2
PPI0D3
PPI0D4
PPI0D5
PPI0D6
PPI0D7
PPI0D8
PPI0D9
PPI0FS1
PPI0FS2
PPI0FS3
PPI1CLK
PPI1D10
PPI1D14
PPI1D16
PPI1D8
TIMER3/GPIO
PPI1FS2
PP1D0/PPI0D18
PPI1D2/PPI0D20
PPI1D4/PPI0D22
PPI1D6
PPI1D12
PPI1FS1
PPI1FS3
PPI1D1/PPI0D19
PPI1D3/PPI0D21
PPI1D5/PPI0D23
PPI1D9
RESET
PWR_IN1
GND5
3.3V1
3.3V2
VDDIO2
NC
PPI1D7
PPI1D13
PPI1D11
PPI1D15
PPI1D17
SCL
IDC25X2_SMTA
P2
47
45
43
41
39
37
35
33
31
29
27
25
15
17
13
24
22
49
50
8
6
4
2
32
34
28
19
26
23
21
30
48
46
44
42
18
20
36
40
38
11
9
7
5
3
1
16
14
12
10
3.3V1
3.3V2
DRPRI
DRSEC
GND1
GND2
GND3
GND4
GND5
GND6
GPIO2
GPIO4
NC
RFS
RSCLK
RSVD1
RSVD3
RSVD5
RSVD7
SDA
SPISEL1
SPISEL3
SPISS
TFS
TIMER
UARTCTS
UARTRX
PWR_IN1
PWR_IN2
VDDIO1
VDDIO2
RSVD9
RSVD8
SPISEL2
SPICLK
DTPRI
TSCLK
DTSEC
SPIMOSI
SPIMISO
SCL
UARTTX
UARTRTS
RESET
GPIO1
GPIO3
WAKE
RSVD2
RSVD4
RSVD6
P4
IDC25X2_SMTA
DNP
47
45
43
41
39
37
35
33
31
29
27
25
15
17
13
24
22
49
50
8
6
4
2
32
34
28
19
26
23
21
30
48
46
44
42
18
20
36
40
38
11
9
7
5
3
1
16
14
12
10
3.3V1
3.3V2
DRPRI
DRSEC
GND1
GND2
GND3
GND4
GND5
GND6
GPIO2
GPIO4
NC
RFS
RSCLK
RSVD1
RSVD3
RSVD5
RSVD7
SDA
SPISEL1
SPISEL3
SPISS
TFS
TIMER
UARTCTS
UARTRX
PWR_IN1
PWR_IN2
VDDIO1
VDDIO2
RSVD9
RSVD8
SPISEL2
SPICLK
DTPRI
TSCLK
DTSEC
SPIMOSI
SPIMISO
SCL
UARTTX
UARTRTS
RESET
GPIO1
GPIO3
WAKE
RSVD2
RSVD4
RSVD6
PS_5V
PS_5V
PS_5V
SDA
SDA
SDA
SDA
SCL
SCL
SCL
SCL
EXT_WAKE
EXT_WAKE
UART0_CTS/SD_D7
UART0_CTS/SD_D7
UART0_CTS/SD_D7
UART0_RTS/SD_D6
UART0_RTS/SD_D6
UART0_RTS/SD_D6
UART0_RTS/SD_D6
UART0_RTS/SD_D6
UART0_TX/SD_D5
UART0_TX/SD_D5
UART0_TX/SD_D5
UART0_RX/SD_D4
UART0_RX/SD_D4
UART0_RX/SD_D4
ACM_SGLDIFF/SD_D3
ACM_SGLDIFF/SD_D3
ACM_RANGE/SD_D2
ACM_RANGE/SD_D2
ADC_DOUTB/SD_D1
ADC_DOUTB/SD_D1
ADC_DOUTB/SD_D1
ADC_DOUTA/SD_D0
ADC_DOUTA/SD_D0
ADC_DOUTA/SD_D0
LED0
LED0
LED0
LED0
LED0
LED1
LED1
LED1
LED1
LED1
LED2
LED2
LED2
PB0
PB0
PB0
PB1
PB1
PB1
PF5
PF5
PF5
PF6
PF6
PF6
PF7
PF7
PF7
PF8
PF8
PF8
PF8
PF9
PF9
PF9
PF9
SPI0_MISO
SPI0_MISO
SPI0_MISO
SPI0_MOSI
SPI0_MOSI
SPI0_MOSI
SPI0_SEL1
SPI0_SEL1
SPI0_SEL1
SPI0_SEL1
PF14
PF14
PF14
PF15
PF15
PF15
RESET
RESET
RESET
RESET
ACM_A0
ACM_A0
ACM_A1
ACM_A1
ACM_A2
ACM_A2
ADC_SCLK/SD_CLK
ADC_SCLK/SD_CLK
ADC_SCLK/SD_CLK
ADC_CS/SD_CMD
ADC_CS/SD_CMD
ADC_CS/SD_CMD
SD_CD
SD_CD
SD_CD
SD_CD
SD_CD
SD_CD
SD_WP
SD_WP
SD_WP
SD_WP
SD_WP
PG3
PG3
PG3
CAN_TX
CAN_TX
CAN_TX
CAN_RX
CAN_RX
CAN_RX
CAN_ERR
CAN_ERR
CAN_ERR
SPI0_SCK
SPI0_SCK
SPI0_SCK
SPORT1
SPI0
UART1
SPORT0
SPI1
UART0
PWM1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com