Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1715ARMZ-R7 Datasheet(PDF) 53 Page - Analog Devices

Part # ADP1715ARMZ-R7
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1715ARMZ-R7 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADP1715ARMZ-R7 Datasheet HTML 49Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 50Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 51Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 52Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 53Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 54Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 55Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 56Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 75 page
background image
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
2-19
ADSP-BF506F EZ-KIT Lite Hardware Reference
DMAX Land Grid Array Connectors (P5–6)
The DMAX land grid array areas (P5 and P6) are intended for the probing
of the processor signals. The pads are exposed and designed to attach a
Tektronix logic analyzer to the connectors listed in the following table.
For more information about the land grid array, consult the Tektronix
web site.
ADC Input Connector (P7)
Power Connector (P9)
Part Description
Manufacturer
Part Number
Primary retention
Tektronix
020290800
Alternate retention
Tektronix
020291000
Part Description
Manufacturer
Part Number
24-position 0.1’’, TH header
SAMTEC
TSSH-112-01-L-D
Part Description
Manufacturer
Part Number
0.65 mm power jack
CUI
045-0883R
Mating Connector
5.0VDC@3.6A power supply
GLOBETEK
GS-1750(R)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com