Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1613ARMZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADP1613ARMZ-R7
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1613ARMZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADP1613ARMZ-R7 Datasheet HTML 27Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 28Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 29Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 30Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 31Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 32Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 33Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 34Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 75 page
background image
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
1-11
Using ADSP-BF506F EZ-KIT Lite
For more information about emulators, contact Analog Devices or go to:
http://www.analog.com/en/embedded-processing-dsp/Blackfin/pro-
cessors/Blackfin_development_tools/fca.html
.
Expansion Interface II
The expansion interface II allows an Analog Devices EZ-Extender or a
custom-design daughter board to be tested across various hardware plat-
forms that have the same expansion interface.
The expansion interface II implemented on the ADSP-BF506F EZ-KIT
Lite consists of three connectors, which are 0.1 in. shrouded headers (P2–
4
). The connectors contain a majority of the ADSP-BF506F processor’s
signals. For pinout information, go to “ADSP-BF506F EZ-KIT Lite Sche-
matic” on page B-1. The mechanical dimensions of the expansion
connectors can be obtained by contacting “Technical or Customer
Support”.
For more information about daughter boards, visit the Analog Devices
Web site at:
http://www.analog.com/en/embedded-processing-dsp/Blackfin/pro-
cessors/Blackfin_development_tools/fca.html
.
Limits to current and interface speed must be taken into consideration
when using the expansion interface. Current for the expansion interface II
is sourced from the EZ-KIT Lite; therefore, the current should be limited
to 1A for 5V and 500 mA for the 3.3V planes. If more current is required,
then a separate power connector and a regulator must be designed on a
daughter card. Additional circuitry can add extra loading to signals,
decreasing their maximum effective speed.
Analog Devices does not support and is not responsible for the
effects of additional circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com