Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1613ARMZ-R7 Datasheet(PDF) 59 Page - Analog Devices

Part # ADP1613ARMZ-R7
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1613ARMZ-R7 Datasheet(HTML) 59 Page - Analog Devices

Back Button ADP1613ARMZ-R7 Datasheet HTML 55Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 56Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 57Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 58Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 59Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 60Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 61Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 62Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 75 page
background image
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
A-5
ADSP-BF506F EZ-KIT Lite Bill Of Materials
59
15
10 1/10W 5%
0603
R23-24,R41,R44,R47-
48,R51,R54,R57,R62,
R65,R68,R75,R77,R113
VISHAY
CRCW060310R0JNEA
60
1
4700PF 16V 10%
0603
C79
DIGI-KEY
311-1083-2-ND
61
2
100PF 50V 5%
0603
C78,C80
AVX
06035A101JAT2A
62
1
1000PF 50V 5%
0603
C104
PANASONIC
ECJ-1VC1H102J
63
2
62.0 1/10W 1%
0603
R74,R76
DIGI-KEY
311-62.0HRTR-ND
64
1
4.99K 1/16W 1%
0603
R112
VISHAY
CRCW06034K99FKEA
65
1
24.9K 1/10W 1%
0603
R123
DIGI-KEY
311-24.9KHTR-ND
66
5
0.05 1/2W 1%
1206
R121-122,R125-126,
R131
SEI
CSF 1/2 0.05 1%R
67
7
10UF 16V 10%
1210
C97-100,C102,C114,
C117
AVX
1210YD106KAT2A
68
1
GREEN LED001
LED5
PANASONIC
LN1361CTR
69
1
RED LED001
LED1
PANASONIC
LN1261CTR
70
2
1000PF 50V 5%
1206
C115-116
AVX
12065A102JAT2A
71
1
255.0K 1/10W
1% 0603
R127
VISHAY
CRCW06032553FK
72
1
80.6K 1/10W 1%
0603
R124
DIGI-KEY
311-80.6KHRCT-ND
73
1
22000PF 25V
10% 0402
C94
DIGI-KEY
490-3252-1-ND
74
2
5A
MBRS540T3G
SMC
D6-7
ON SEMI
MBRS540T3G
Ref.
Qty.
Description
Reference Designator
Manufacturer
Part Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com