Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1613ARMZ-R7 Datasheet(PDF) 46 Page - Analog Devices

Part # ADP1613ARMZ-R7
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1613ARMZ-R7 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADP1613ARMZ-R7 Datasheet HTML 42Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 43Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 44Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 45Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 46Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 47Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 48Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 49Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 75 page
background image
Jumpers
2-12
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
Voltage Reference Select Jumper (JP2)
The voltage reference select jumper (JP2) selects between a 2.5V on-chip
reference and an external voltage reference. When the jumper is installed
on positions 2 and 3, the on-chip 2.5V reference is used. When the
jumper is installed on positions 1 and 2, an external reference can be con-
nected to the ADC through the DCAPA and DCAPB signals (see “ADC
Voltage Reference (JP6)” on page 2-13). By default, JP2 is installed on
positions 2 and 3.
VDDEXT Power Jumper (JP3)
The VDDEXT power jumper (JP3) is used to measure the processor’s I/O
voltage and current. By default, JP3 is ON, and the current flows through
the two-pin IDC header. To measure power, remove the jumper on JP3
and measure the voltage across the precision resistor and resistance value.
For more information, refer to “Power Measurements” on page 1-12.
VDDINT Power Jumper (JP4)
The VDDINT power jumper (JP4) is used to measure the processor’s core
voltage and current. By default, JP4 is ON, and the current flows through
the two-pin IDC header. To measure power, remove the jumper on JP4
and measure the voltage across the precision resistor and resistance value.
For more information, refer to “Power Measurements” on page 1-12.
VDDFLASH Power Jumper (JP5)
The VDDFLASH power jumper (JP5) is used to measure the internal par-
allel flash voltage and current. By default, JP5 is ON, and the current flows
through the two-pin IDC header. To measure power, remove the jumper
on JP5 and measure the voltage across the precision resistor and resistance
value. For more information, refer to “Power Measurements” on
page 1-12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com