Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1613ARMZ-R7 Datasheet(PDF) 72 Page - Analog Devices

Part # ADP1613ARMZ-R7
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1613ARMZ-R7 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADP1613ARMZ-R7 Datasheet HTML 67Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 68Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 69Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 70Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 71Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 72Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 73Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 74Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 75Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 72 / 75 page
background image
U6
MIC2025-1
SOIC8
1
3
8
6
7
2
FLG
IN1
OUT1
OUT2
GND
EN
DA_5V
IDC2X1
JP5
2
1
IDC2X1
JP4
2
1
JP3
IDC2X1
2
1
TP2
TP7
1206
0.05
R131
3.3V
C118
0.1UF
0402
0805
2.2UF
C119
C120
2.2UF
0805
TP8
DEFAULT=INSTALLLED
SJ6
JUMPER
SHORTING
D10
SK12
DO-214AA
D9
ESD5Z2.5T1
SOD-523
MH5
0.125
MH6
0.125
MH7
0.125
1000PF
1206
C116
1000PF
1206
C115
SHGND
1206
FER3
600
FER2
1206
600
SHGND
R123
24.9K
0603
C111
470PF
0603
C112
68PF
0603
R124
80.6K
0603
R126
0.05
1206
PGND
PGND
0805
4.7UF
C113
D2E
220UF
CT1
U3
SI4411DY
SO-8
5
6
7
8
1
2
3
4
IND013
2.5UH
L3
C114
10UF
1210
R127
255.0K
0603
VR1
ADP1864AUJZ
SOT23-6
2
1
3
6
4
5
IN
CS
PGATE
FB
COMP
GND
PGND
TP3
1206
0.05
R121
1206
4.3
R116
C106
4.7UF
0603
C107
4.7UF
0603
C108
0.01UF
0402
C109
0.1UF
0402
0402
1.2K
R117
R118
2.67K
0402
R119
4.3
1206
0603
4.7UF
C110
R120
1.0K
0402
VR3
ADP1715
MSOP8
6
5
4
3
2
1
8
7
GND3
GND4
EN
IN
OUT
ADJ
GND1
GND2
FER4
FER002
190
2
3
1
4
R130
0
0402
1206
0.05
R125
C117
10UF
1210
D7
5A
MBRS540T3G
SMC
D1
VESD01-02V-GS08
SOD-523
DO-214AA
SK12
D8
3.3V
TP5
D2
GSOT05
SOT23-3
R122
0.05
1206
SJ4
DEFAULT=INSTALLLED
JUMPER
SHORTING
D3
GSOT03
SOT23-3
D6
MBRS540T3G
SMC
2A
W1
COPPER
10K
0402
R129
DNP
R128
0402
10K
PGND
10K
0402
R133
TP4
TP6
SJ3
DEFAULT=INSTALLED
JUMPER
SHORTING
VR4
ADP1715
MSOP8
4
2
3
1
EN
OUT
IN
SS
POWER
10
17-12-2009_16:20
10
D
4
3
2
1
A
B
C
20 Cotton Road
Nashua, NH 03063
A
B
C
D
4
3
2
1
PH: 1-800-ANALOGD
C
Title
Size
Board No.
Date
Sheet
of
DEVICES
ANALOG
Rev
A0226-2009
ADSP-BF506F EZ-KIT LITE
1.0
F1
FUS004
3A
DEFAULT=INSTALLLED
SJ5
JUMPER
SHORTING
3.3V
P9
CON045
2
3
1
POWER
U2
MSOP10
AD5258
1
6
8
4
5
7
9
3
2
10
A
AD0
AD1
B
GND
SCL
SDA
VCC
VLOGIC
W
MH8
0.125
MH1
0.156
MH2
0.156
MH3
0.156
MH4
0.156
VDDFLASH
PS_5V
PS_5V
PS_5V
SDA
SCL
VDDEXT
VDDINT
EXT_WAKE
DA_USB_PWR
EXT_PS
1.8V @ 500mA
"VDDFLASH"
3.3V @ 2A
"5V"
1.1 - 1.4V @ 500mA
"VDDINT"
"VDDEXT"
Remove JP3 when measuring VDDEXT
Remove JP5 when measuring VDDFLASH
Remove JP4 when measuring VDDINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com