Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1821 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1821
Description  18-Bit SoftSpan IOUT DAC with Parallel I/O
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1821 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1821 Datasheet HTML 3Page - Linear Technology LTC1821 Datasheet HTML 4Page - Linear Technology LTC1821 Datasheet HTML 5Page - Linear Technology LTC1821 Datasheet HTML 6Page - Linear Technology LTC1821 Datasheet HTML 7Page - Linear Technology LTC1821 Datasheet HTML 8Page - Linear Technology LTC1821 Datasheet HTML 9Page - Linear Technology LTC1821 Datasheet HTML 10Page - Linear Technology LTC1821 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC2757
7
2757f
TYPICAL PERFORMANCE CHARACTERISTICS
Settling Full-Scale Step
INL vs VDD
DNL vs VDD
Logic Threshold
vs Supply Voltage
Supply Current
vs Logic Input Voltage
Supply Current
vs Update Frequency
Mid-Scale Glitch (VDD = 3V)
LOGIC VOLTAGE (V)
01
0
2
4
6
8
10
12
2345
2757 G16
VDD = 5V
VDD = 3V
ALL DIGITAL PINS
TIED TOGETHER
(EXCEPT READ
TIED TO GND)
VDD (V)
2.5
0.5
0.75
1
1.25
1.5
2
3
3.5
4
4.5
5
5.5
1.75
2757 G17
RISING
FALLING
UPD FREQUENCY (Hz)
10
10
100
100k
1
0.1
100
1k
10k
1M
1000
2757 G18
VDD = 5V
VDD = 3V
ALTERNATING ZERO-SCALE/FULL-SCALE
500ns/DIV
UPD
5V/DIV
GATED
SETTLING
WAVEFORM
100μV/DIV
(AVERAGED)
2757 G13
LT1468 AMP; CFEEDBACK = 20pF
0V TO 10V STEP
VREF = –10V; SPAN CODE = 000
tSETTLE = 1.8μs to 0.0004% (18 BITS)
VDD = 5V, V(RIN) = 5V, TA = 25°C, unless otherwise noted.
V(RIN) (V)
2.5
3.5
4
–1.0
–0.8
–0.6
–0.2
–0.4
0.4
0.2
0
0.6
0.8
1.0
±10V RANGE
5
4.5
5.5
2757 G10
3
+INL
–INL
V(RIN) (V)
2.5
3.5
4
–1.0
–0.8
–0.6
–0.2
–0.4
0.4
0.2
0
0.6
0.8
1.0
±10V RANGE
5
4.5
5.5
2757 G11
3
+DNL
–DNL
Mid-Scale Glitch (VDD = 5V)
500ns/DIV
UPD
5V/DIV
VOUT
10mV/DIV
2757 G14
0V TO 5V RANGE
LT1468 OUTPUT AMPLIFIER
CFEEDBACK = 50pF
RISING MAJOR CARRY TRANSITION.
FALLING TRANSITION IS SIMILAR OR BETTER.
1.4nV•s TYP
500ns/DIV
UPD
5V/DIV
VOUT
10mV/DIV
2757 G15
0V TO 5V RANGE
LT1468 OUTPUT AMPLIFIER
CFEEDBACK = 50pF
RISING MAJOR CARRY TRANSITION.
FALLING TRANSITION IS SIMILAR OR BETTER.
3nV•s TYP
Multiplying Frequency Response
vs Digital Code
ALL BITS ON
ALL BITS OFF
FREQUENCY (Hz)
100
1k
10k
–140
–100
–120
–60
–80
–40
–20
0
1M
100k
10M
2757 G12
0V TO 5V OUTPUT RANGE
LT1468 OUTPUT AMPLIFIER
CFEEDBACK = 15pF
D17
D16
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com