Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1821 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1821
Description  18-Bit SoftSpan IOUT DAC with Parallel I/O
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1821 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1821 Datasheet HTML 11Page - Linear Technology LTC1821 Datasheet HTML 12Page - Linear Technology LTC1821 Datasheet HTML 13Page - Linear Technology LTC1821 Datasheet HTML 14Page - Linear Technology LTC1821 Datasheet HTML 15Page - Linear Technology LTC1821 Datasheet HTML 16Page - Linear Technology LTC1821 Datasheet HTML 17Page - Linear Technology LTC1821 Datasheet HTML 18Page - Linear Technology LTC1821 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTC2757
15
2757f
Op Amp Selection
Because of the extremely high accuracy of the 18-bit
LTC2757, careful thought should be given to op amp
selection in order to achieve the exceptional performance
of which the part is capable. Fortunately, the sensitivity of
INL and DNL to op amp offset has been greatly reduced
compared to previous generations of multiplying DACs.
Tables 3 and 4 contain equations for evaluating the ef-
fects of op amp parameters on the LTC2757’s accuracy.
These are the changes the op amp can cause to the INL,
DNL, unipolar offset, unipolar gain error, bipolar zero and
bipolar gain error.
APPLICATIONS INFORMATION
Table 3. Coefficients for the Equations of Table 4
OUTPUT RANGE
A1
A2
A3
A4
A5
5V
1.1
2
1
1
10V
2.2
3
0.5
1.5
±5V
2
2
1
1
1.5
±10V
4
4
0.83
1
2.5
±2.5V
1
1
1.4
1
1
–2.5V to 7.5V
1.9
3
0.7
0.5
1.5
Table 4. Easy-to-Use Equations Determine Op Amp Effects on DAC Accuracy in All Output Ranges (Circuit of Page 1).
Subscript 1 Refers to Output Amp, Subscript 2 Refers to Reference Inverting Amp.
OP
AMP
INL (LSB)
DNL (LSB)
UNIPOLAR
OFFSET (LSB)
BIPOLAR ZERO ERROR
(LSB)
UNIPOLAR GAIN
ERROR (LSB)
BIPOLAR GAIN
ERROR (LSB)
VOS1
(mV)
VOS1•12.1•
5V
VREF
⎛
⎝⎜
⎞
⎠⎟
VOS1•3.1•
5V
VREF
⎛
⎝⎜
⎞
⎠⎟
A3•VOS1•52.4•
5V
VREF
⎛
⎝⎜
⎞
⎠⎟
A3•VOS1•78.6•
5V
VREF
⎛
⎝⎜
⎞
⎠⎟
VOS1•52.4•
5V
VREF
⎛
⎝⎜
⎞
⎠⎟
VOS1•52.4•
5V
VREF
⎛
⎝⎜
⎞
⎠⎟
IB1
(nA)
IB1•0.0012•
5V
VREF
⎛
⎝⎜
⎞
⎠⎟
IB1•0.00032•
5V
VREF
⎛
⎝⎜
⎞
⎠⎟
IB1•0.524•
5V
VREF
⎛
⎝⎜
⎞
⎠⎟
IB1•0.524•
5V
VREF
⎛
⎝⎜
⎞
⎠⎟
IB1•0.0072•
5V
VREF
⎛
⎝⎜
⎞
⎠⎟
IB1•0.0072•
5V
VREF
⎛
⎝⎜
⎞
⎠⎟
AVOL1
(V/mV)
A1•
66
AVOL1
⎛
⎝⎜
⎞
⎠⎟
A2•
6
AVOL1
⎛
⎝⎜
⎞
⎠⎟
00
A5•
524
AVOL1
⎛
⎝⎜
⎞
⎠⎟
A5•
524
AVOL1
⎛
⎝⎜
⎞
⎠⎟
VOS2
(mV)
00
0
A4•VOS2•52.4•
5V
VREF
⎛
⎝⎜
⎞
⎠⎟
VOS2•104.8•
5V
VREF
⎛
⎝⎜
⎞
⎠⎟
VOS2•104.8•
5V
VREF
⎛
⎝⎜
⎞
⎠⎟
IB2
(nA)
00
0
A4•IB2•0.524•
5V
VREF
⎛
⎝⎜
⎞
⎠⎟
IB2•1.048•
5V
VREF
⎛
⎝⎜
⎞
⎠⎟
IB2•1.048•
5V
VREF
⎛
⎝⎜
⎞
⎠⎟
AVOL2
(V/mV)
00
0
A4•
262
AVOL2
⎛
⎝⎜
⎞
⎠⎟
524
AVOL2
⎛
⎝⎜
⎞
⎠⎟
524
AVOL2
⎛
⎝⎜
⎞
⎠⎟



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com