Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1821 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1821
Description  18-Bit SoftSpan IOUT DAC with Parallel I/O
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1821 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1821 Datasheet HTML 4Page - Linear Technology LTC1821 Datasheet HTML 5Page - Linear Technology LTC1821 Datasheet HTML 6Page - Linear Technology LTC1821 Datasheet HTML 7Page - Linear Technology LTC1821 Datasheet HTML 8Page - Linear Technology LTC1821 Datasheet HTML 9Page - Linear Technology LTC1821 Datasheet HTML 10Page - Linear Technology LTC1821 Datasheet HTML 11Page - Linear Technology LTC1821 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC2757
8
2757f
PIN FUNCTIONS
RIN (Pins 1, 2): Input Resistor for External Reference
Inverting Amplifier. Normally tied to the external reference
voltage. Typically 5V; accepts up to ±15V. These pins are
internally shorted together.
S2 (Pin 3): Span I/O Bit 2. Pins S0, S1 and S2 are used
to program and to read back the output range of the DAC.
See Table 2.
GND (Pins 4, 7, 18, 19): Ground. Tie to ground.
IOUT2S, IOUT2F (Pins 5, 6): DAC Output Current Comple-
ment Sense and Force Pins. Tie to ground via a clean,
low-impedance path. These pins may also be used with
a precision ground buffer amp as a Kelvin sensing pair
(see the Typical Applications section).
D17-D9 (Pins 8-16): DAC Input/Output Data Bits. These
I/O pins set and read back the DAC code. D17 (Pin 8) is
the MSB.
VDD (Pin 17): Positive Supply Input. 2.7V ≤ VDD ≤ 5.5V.
Requires a 0.1μF bypass capacitor to GND.
CLR (Pin 20): Asynchronous Clear Input. When CLR is
asserted low, the DAC output resets to VOUT = 0V. The
LTC2757 selects the appropriate reset code according to
the active output range—zero-scale for 0V to 5V and 0V
to 10V spans, half scale for ±2.5V, ±5V and ±10V spans,
or quarter scale for –2.5V to 7.5V span.
M-SPAN (Pin 21): Manual Span Control Input. M-SPAN
can be pin-strapped to configure the LTC2757 for opera-
tion in a single, fixed output range.
To configure the part for single-span use, tie M-SPAN
directly to VDD. The output range is then set via hardware
pin strapping; and the Span I/O port ignores Write, Update
and Read commands.
If M-SPAN is instead connected to ground (SoftSpan
configuration), the output ranges are set and verified by
using Write, Update and Read operations. See
Manual
Span Configuration in the Operation section. M-SPAN
must be connected either directly to GND (for SoftSpan
operation) or VDD (for single-span operation).
DNC (Pins 22, 32): Do Not Connect.
D8-D0 (Pins 23-31): DAC Input/Output Data Bits. These
I/O pins set and read back the DAC code. D0 is the LSB.
D/S (Pin 33): Data/Span Select Input. This pin is used to
select activation of the Data (D/S = 0) or Span (D/S = 1)
Input I/O pins (D0 to D17 or S0 to S2, respectively),
along with their respective dedicated registers, for Write
or Read operations. Update operations are unaffected by
D/S, since all updates affect both Data and Span registers.
For single-span operation, tie D/S to GND.
READ (Pin 34): Read Input. When READ is asserted high,
the Data I/O pins (D0-D17) or Span I/O pins (S0-S2) out-
put the contents of a selected Input or DAC register (see
Table 1). Data/Span ports are selected for readback with
the D/S pin; the Input/DAC registers within those ports
are selected for readback with the UPD pin. The readback
function of the Span I/O pins is disabled when M-SPAN
is tied to VDD.
UPD (Pin 35): Update/Register Select Input.
READ = low: Update function. When UPD is asserted
high, the contents of the Input registers are copied into
their respective DAC registers. The output of the DAC is
updated, reflecting the new DAC register values.
READ = high: Register selector function. The Update func-
tion is disabled and the UPD pin functions as a register
selector. UPD = low selects Input registers for readback,
high selects DAC registers. See
Readback in the Opera-
tion section.
WR (Pin 36): Active-Low Write Input. A Write operation
copies the data present on the Data or Span I/O pins (D0-
D17 or S0-S2, respectively) into the Input register. The
Write function is disabled when READ is high.
S0 (Pin 37): Span I/O Bit 0. Pins S0, S1 and S2 are used
to program and to read back the output range of the DAC.
See Table 2.
S1 (Pin 38): Span I/O Bit 1. Pins S0, S1 and S2 are used
to program and to read back the output range of the DAC.
See Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com