Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1821 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1821
Description  18-Bit SoftSpan IOUT DAC with Parallel I/O
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1821 Datasheet(HTML) 2 Page - Linear Technology

  LTC1821 Datasheet HTML 1Page - Linear Technology LTC1821 Datasheet HTML 2Page - Linear Technology LTC1821 Datasheet HTML 3Page - Linear Technology LTC1821 Datasheet HTML 4Page - Linear Technology LTC1821 Datasheet HTML 5Page - Linear Technology LTC1821 Datasheet HTML 6Page - Linear Technology LTC1821 Datasheet HTML 7Page - Linear Technology LTC1821 Datasheet HTML 8Page - Linear Technology LTC1821 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC2757
2
2757f
ABSOLUTE MAXIMUM RATINGS
IOUT1, IOUT2, RCOM to GND.....................................±0.3V
RFB, ROFS, RIN, REF, VOSADJ, GEADJ to GND ........... ±15V
VDD to GND.................................................. –0.3V to 7V
S2, S1, S0,
D17-D0 to GND ............... –0.3V to VDD + 0.3V (7V Max)
WR, UPD, D/S, READ,
M-SPAN, CLR to GND .................................. –0.3V to 7V
Operating Temperature Range
LTC2757C .................................................... 0°C to 70°C
LTC2757I..................................................–40°C to 85°C
Maximum Junction Temperature .......................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C
ORDER INFORMATION
LEAD FREE FINISH
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2757BCLX#PBF
LTC2757LX
48-Lead (7mm
× 7mm) Plastic LQFP
0°C to 70°C
LTC2757BILX#PBF
LTC2757LX
48-Lead (7mm
× 7mm) Plastic LQFP
–40°C to 85°C
LTC2757ACLX#PBF
LTC2757LX
48-Lead (7mm
× 7mm) Plastic LQFP
0°C to 70°C
LTC2757AILX#PBF
LTC2757LX
48-Lead (7mm
× 7mm) Plastic LQFP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/
PIN CONFIGURATION
(Notes 1, 2)
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
RIN
RIN
S2
GND
IOUT2S
IOUT2F
GND
D17
D16
D15
D14
D13
WR
UPD
READ
D/S
DNC
D0
D1
D2
D3
D4
D5
D6
TOP VIEW
LX PACKAGE
48-LEAD (7mm
7mm) PLASTIC LQFP
TJMAX = 150°C, θJA = 53°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com