Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1600-FSZ Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS1600-FSZ
Description  Low-cost PFC Controller for Electronic Ballasts
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1600-FSZ Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS1600-FSZ Datasheet HTML 4Page - Cirrus Logic CS1600-FSZ Datasheet HTML 5Page - Cirrus Logic CS1600-FSZ Datasheet HTML 6Page - Cirrus Logic CS1600-FSZ Datasheet HTML 7Page - Cirrus Logic CS1600-FSZ Datasheet HTML 8Page - Cirrus Logic CS1600-FSZ Datasheet HTML 9Page - Cirrus Logic CS1600-FSZ Datasheet HTML 10Page - Cirrus Logic CS1600-FSZ Datasheet HTML 11Page - Cirrus Logic CS1600-FSZ Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CS1600
8
DS904A6
4.1
PFC Implementation
The PFC switching frequency profile over the line period has
been discussed in detail in Section 4. In addition, the digital
control algorithm tracks changes the AC input and operates in
different frequency bands at different line voltages as
illustrated in Figure 8 and Figure 9 below.
Figure 8. Switching Frequency vs. Output Power
Vin < 165 VAC
Figure 9. Switching Frequency vs. Output Power
Vin > 165 VAC
The CS1600 primarily operates in the DCM mode with a
properly sized inductor. However, it will move into a quasi-
CRM mode near the peaks of the input line, in order to enable
maximum power delivery, as illustrated in Figure 10 below.
Figure 10. DCM and quasi-CRM Operation with CS1600
4.1.1
Start-up Mode vs. Normal Mode
CS1600 operates in two discrete states:
Start-up mode:
When the output voltage of the PFC stage, Vlink, is <90% of its
nominal value, the device operates in the start-up mode. It
continues operating in this mode till the nominal Vlink voltage
is reached. The start-up algorithm provides an ON time which
is varied in proportion to the sensed rectified voltage, while
changing the switching frequency to provide maximum power.
During this start-up phase of operation, the switching
frequency could be significantly lower than the normal
operating frequency, and the input current waveform is forced
into following a trapezoidal envelope in phase with the line
voltage, to maximize energy transfer. The ON time and the
switching frequency of the IC ensure that peak currents are
kept controlled to prevent saturation of the boost inductor
during this period.
Normal mode:
Once Vlink reaches its nominal value, the chip operates in the
normal mode. Here, the frequency follows the profile shown in
Figure 7, and the ON time is varied to achieve PFC. Any drop
in Vlink to below its undervoltage threshold, as defined in
Section 2.2. Electrical Characteristics re-triggers the start-up
mode of operation. A simplified illustration of operation in
these two modes is shown below in Figure 11.
Figure 11. Start-up and Normal Modes
PO [W]
fSW
[kHz]
Max fSW
50%
100
100%
5%
Burst Mode
70
35
Min fSW
PO [W]
fSW
[kHz]
Max fSW
50%
60
100%
5%
Burst Mode
48
24
Min fSW
DCM
Quasi
CRM
DCM
Quasi
CRM
DCM
ILB
t [ms]
100%
90%
Normal Mode
Normal Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com