Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1600-FSZ Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS1600-FSZ
Description  Low-cost PFC Controller for Electronic Ballasts
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1600-FSZ Datasheet(HTML) 3 Page - Cirrus Logic

  CS1600-FSZ Datasheet HTML 1Page - Cirrus Logic CS1600-FSZ Datasheet HTML 2Page - Cirrus Logic CS1600-FSZ Datasheet HTML 3Page - Cirrus Logic CS1600-FSZ Datasheet HTML 4Page - Cirrus Logic CS1600-FSZ Datasheet HTML 5Page - Cirrus Logic CS1600-FSZ Datasheet HTML 6Page - Cirrus Logic CS1600-FSZ Datasheet HTML 7Page - Cirrus Logic CS1600-FSZ Datasheet HTML 8Page - Cirrus Logic CS1600-FSZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CS1600
DS904A6
3
2. CHARACTERISTICS AND SPECIFICATIONS
2.1
Absolute Maximum Ratings
Notes:
1.
The CS1600 has an internal shunt regulator that controls the nominal operating voltage on the VDD pin.
2.
Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power
dissipation at the rate of 50 mW / ºC for variation over temperature.
2.2
Electrical Characteristics
Recommended operating conditions (unless otherwise specified): TA = TJ = -40º to +125º C, VDD = 10 to 15 V, GND = 0 V.
Typical values are at TA = 25º C.
Pin
Symbol
Parameter
Value
Unit
7
VDD
IC Supply Voltage1
Vz
V
2,3,4
VIN
Input Voltage
-0.5 to VDD
V
3,4
IIN
Input Current
50
mA
6VGD
Gate Drive Voltage
-0.3 to VDD
V
6IGD
Gate Drive Current
-1.0 / +0.5
A
1,2,3,4,5,6,8
ESD
Human Body Model
2000
V
1,2,3,4,5,6,8
ESD
Machine Model
200
V
1,2,3,4,5,6,8
ESD
Charged Device Model
500
V
-PD
Total Power Dissipation at 50° C2
600
mW
-TJ
Junction Temperature Operating Range
-40 to +125
ºC
-TStg
Storage Temperature Range
-65 to +150
ºC
Parameter
Condition
Symbol
Min
Typ
Max
Unit
VDD Supply Voltage
VDD Turn-on Threshold Voltage
VDD increasing
Vth(St)
8.4
8.8
9.3
V
VDD Turn-off Threshold Voltage
VDD decreasing
Vth(Stp)
7.1
7.4
7.9
V
UVLO Hysteresis
VHys
-1.3
-
V
Zener Voltage
IDD =20mA
VZ
17.0
17.9
18.5
V
Supply Current Section
Start-up Supply Current
VDD < Vth(St)
IST
-68
80
μA
Standby Supply Current
STBY < 0.8V
ISB
-80
112
μA
Operating Supply Current
CL = 1nF, fsw = 70 kHz
IDD
-1.7
1.9
mA
PFC Gate Drive Section
Maximum Operating Frequency3,4
Normal mode, VDD =13V
fSW(max)
62
66
70
kHz
Minimum Operating Frequency3,4
Normal mode, VDD =13V
fSW(min)
20
22
23
kHz
Minimum Duty Cycle
VDD = 13 V, STBY < 0.8 V
tDC_min
--
0
%
Maximum Duty Cycle3,4
VDD =13 V
Dmax
64
66
68
%
Minimum On Time
VDD =13 V
ton_min
0.45
0.5
0.55
μs
Output Source Resistance
IGD =100 mA, VDD =13V
ROH
-9
-
Ω
Output Sink Resistance
IGD =-200mA, VDD =13V
ROL
-6
-
Ω
Rise Time
CL =1 nF, VDD =13 V
tr
-32
45
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com