Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1600-FSZ Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS1600-FSZ
Description  Low-cost PFC Controller for Electronic Ballasts
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1600-FSZ Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS1600-FSZ Datasheet HTML 9Page - Cirrus Logic CS1600-FSZ Datasheet HTML 10Page - Cirrus Logic CS1600-FSZ Datasheet HTML 11Page - Cirrus Logic CS1600-FSZ Datasheet HTML 12Page - Cirrus Logic CS1600-FSZ Datasheet HTML 13Page - Cirrus Logic CS1600-FSZ Datasheet HTML 14Page - Cirrus Logic CS1600-FSZ Datasheet HTML 15Page - Cirrus Logic CS1600-FSZ Datasheet HTML 16Page - Cirrus Logic CS1600-FSZ Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
CS1600
DS904A6
13
output capacitance needed is calculated as:
The voltage rating on the capacitor needs to account for the
operation of the device before it hits the overvoltage protection
threshold. This is typically 105% of nominal value, which is
483 V. With the ripple voltage factored in, 22
μF of
capacitance rated at 500 V would suffice for this application.
C
out
115
2
π 45
×
460
×
40
×
-------------------------------------------------
22.1
μF
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com