Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1600-FSZ Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS1600-FSZ
Description  Low-cost PFC Controller for Electronic Ballasts
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1600-FSZ Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS1600-FSZ Datasheet HTML 8Page - Cirrus Logic CS1600-FSZ Datasheet HTML 9Page - Cirrus Logic CS1600-FSZ Datasheet HTML 10Page - Cirrus Logic CS1600-FSZ Datasheet HTML 11Page - Cirrus Logic CS1600-FSZ Datasheet HTML 12Page - Cirrus Logic CS1600-FSZ Datasheet HTML 13Page - Cirrus Logic CS1600-FSZ Datasheet HTML 14Page - Cirrus Logic CS1600-FSZ Datasheet HTML 15Page - Cirrus Logic CS1600-FSZ Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
CS1600
12
DS904A6
5.1.3
PFC Boost Inductor
Equation 3 can be rewritten to calculate the PFC boost
Inductor, LB, as follows:
The RMS current rating for the inductor is estimated using an
scaling factor used to account for variations in the input
current shape across the AC line cycle, over and above the
nominally calculated value. The nominal value before using
the scaling factor is as follows:
where
β = inductor scaling factor
The peak inductor current, ILB(pk), may be estimated using the
following equation:
Inductor tolerances should be considered when estimating the
peak currents present in the application.
The internal control algorithm of the controller dictates that the
peak inductor current seen in the application could be as high
as a pre-defined threshold of 0.001984 times the inverse of
the inductor, which in this example amounts to 4.72 A. Care
needs to be taken to ensure that the saturation current rating
of the PFC boost inductor factors in this threshold used for the
protection schemes.
5.1.4
PFC MOSFET
The peak voltage stress on the PFC MOSFET is a diode drop
above the output voltage. Accounting for leakage spikes, for
the 460 V output application, a 600 V FET is recommended.
The FET should be able to handle the same peak current as
that seen through the inductor. This would amount to 3.96 A.
The scaling factor to determine the RMS current through the
MOSFET for a 108 V input is about 1.15, and the minimum
RMS current rating, IFET(rms), required for the FET is
calculated as follows:
where
γ = FET scaling factor
5.1.5
PFC Diode
The PFC diode peak current is equal to the inductor peak
current:
The PFC diode average current is calculated as follows:
5.1.6
PFC Output Capacitor
The output capacitor needs to be designed to meet the voltage
ripple and hold-up time requirements. In the case of a cost-
sensitive ballast application, the hold-up requirement is not a
key requirement.
To address the output ripple requirements, the following
equation may be used as a guide:
where
Cout = Output Capacitance value
Po = Output Power
fline(min) = Minimum Line Frequency
Vlink = PFC Output Voltage
ΔVlink = Peak-Peak Voltage Ripple on the PFC Output
For a 40 V ripple and minimum line frequency of 45 Hz, the
α
V
link
400V
--------------
90V
V
in min
()
--------------------
×


2
V
link
V
link
400V
--------------
90V
×
2
×


–
V
link
V
in min
()
2
×
–
---------------------------------------------------------------------
×
=
[Eq.6]
α
V
link
400V
--------------
90V
V
in min
()
--------------------
×


2 Vlink
V
link
400V
--------------
90V
×
2
×


–
V
link
V
in min
()
2
×
–
---------------------------------------------------------------------
×
0.937
==
L
B
αη
V
in min
()
()
2
×
×
V
link
V
in min
()
2
×
()
–
2f
max
P
O
V
link
×
×
×
---------------------------------------------------------
×
=
[Eq.6]
L
B
0.937
0.95 108
×
2
×
460
108
2
×
–
()
27010
3
×
115
460
×
×
×
----------------------------------------------------------------
×
431
μH
==
I
LB rms
()
P
O
V
in min
()
2
×η
×
--------------------------------------------
β
×
=
I
LB rms
()
1.07A
=
I
LB rms
()
115
108
2
×
0.95
×
-----------------------------------------
1.35
×
=
[Eq.7]
I
LB pk
()
4
P
O
×
η V
×
in min
()
2
×
--------------------------------------------
=
I
LB pk
()
3.17 A
=
I
LB pk
()
4
115
×
0.95
108
×
2
×
-----------------------------------------
=
[Eq.8]
I
FET rms
()
P
O
V
in min
()
2
×η
×
--------------------------------------------
γ
×
=
I
LB rms
()
0.91A
=
I
LB rms
()
115
108
2
×
0.95
×
-----------------------------------------
1.15
×
=
[Eq.9]
I
Dpk
()
I
LB pk
()
=
I
Dpk
()
3.17 A
=
[Eq.10]
I
Davg
()
P
O
V
link
------------
=
I
Davg
()
0.25 A
=
I
Davg
()
115
460
----------
=
[Eq.11]
[Eq.12]
C
out
P
O
2
π f
line min
()
×
V
link
×ΔV
link rip
()
×
---------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com