Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3263YML Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC3263YML
Description  Six-Channel WLED Driver for Backlighting Applications with Flicker-Free Dimming
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3263YML Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC3263YML Datasheet HTML 9Page - Micrel Semiconductor MIC3263YML Datasheet HTML 10Page - Micrel Semiconductor MIC3263YML Datasheet HTML 11Page - Micrel Semiconductor MIC3263YML Datasheet HTML 12Page - Micrel Semiconductor MIC3263YML Datasheet HTML 13Page - Micrel Semiconductor MIC3263YML Datasheet HTML 14Page - Micrel Semiconductor MIC3263YML Datasheet HTML 15Page - Micrel Semiconductor MIC3263YML Datasheet HTML 16Page - Micrel Semiconductor MIC3263YML Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Micrel, Inc.
MIC3263
January 2010
13
M9999-012110
r
cu
stor harder and
ntrol loop will increase CR
d
n external pulse
the DRC pin. The duty cycle of the external puls
DRC) is converted to one of 16 levels called Duty Ratio
(DR) (see Table 2 for DR ratios). It is this inte
(DR) that is used to PWM dim the LEDs.
Case 2
If 29.3V is not high enough to properly forwa
LED channel at the ISET current level, the
loop will drive the bipolar transi
d bias the
rrent amp
V(IO) will
V and the
drop and the CRV co
boost output voltage (VOUT) will increase.
Internal Dimming Control
In the internal dimming mode, the dimming is
by the DFS and MODE pins. A
etermined
is tied to
e (pulse at
s
rnal pulse
Figure 3. Internal Dimming Control
External Dimming Control
In external dimming mode, connect the DFS pin
apply a PWM dimming pulse to the MODE
external pulse directly controls the LED curre
(see Figure 4).
to VDD and
pin. The
nt drivers
Figure 4. External Dimming Control
lts
pen, the voltage on the
sistor (IO1-IO6) will go
rs the IO pins will detect less
to the transistor. A flip-
nd a power down and
eset that channel.
r, the channel of LEDs
e will be present at the
r five channels will continue
ting normally. This fault sequence is identical if up to
ur channels fail open or
D channels will stay on
shorted, the voltage on
stor (IO1–IO6) will go
at monitors the current
ore than 7.5V at the
to the transistor will turn
ondition. A power-down
ed to reset that channel.
tolerate a two LED difference before a fault
is detected.
e drive to the transistor, the channel of LEDs
ce is present at the
channels will continue
ce is identical if more
r channels fail open
ED channels will stay on
tors the current amp bipolar
transistor detects less than 0.5V at the collector (IO), then
the base drive to the transistor will turn off. A flip-flop
latches the fault condition. A power-down and power-up
sequence is required to reset that channel.
Without base drive to the transistor, the channel of LEDs
will turn off and a high impedance is present at the
collector (IO). The other five channels will continue
operating normally. This fault sequence is identical if more
than one LED channel fails open. If four channels fail open
or short, then the remaining two LED channels will stay on
and no more faults will be detected.
Fau
Open LED in Channel
If any LED in a channel fails o
collector of the current amp tran
low. The circuitry that monito
than 0.5V and turn off base drive
flop latches the fault condition a
power up sequence is required to r
Without base drive to the transisto
will turn off and a high impedanc
collector (IO). The othe
opera
three LED channels fail open. If fo
short, then the remaining two LE
and no more faults will be detected.
Short LED in Channel
If any LED in a channel fails
collector of the current amp transi
high in voltage. If the circuitry th
amp bipolar transistor detects m
collector (IO), then the base drive
off. A flip-flop latches the fault c
and power-up sequence is requir
A channel can
Without bas
will turn off and a high impedan
collector (IO). The other five
operating normally. This fault sequen
than one LED channel fails open. If fou
or short, then the remaining two L
and no more faults will be detected.
Shorted Cathode (or IO Short)
If the circuitry that moni



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com