Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3263YML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC3263YML
Description  Six-Channel WLED Driver for Backlighting Applications with Flicker-Free Dimming
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3263YML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC3263YML Datasheet HTML 1Page - Micrel Semiconductor MIC3263YML Datasheet HTML 2Page - Micrel Semiconductor MIC3263YML Datasheet HTML 3Page - Micrel Semiconductor MIC3263YML Datasheet HTML 4Page - Micrel Semiconductor MIC3263YML Datasheet HTML 5Page - Micrel Semiconductor MIC3263YML Datasheet HTML 6Page - Micrel Semiconductor MIC3263YML Datasheet HTML 7Page - Micrel Semiconductor MIC3263YML Datasheet HTML 8Page - Micrel Semiconductor MIC3263YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Micrel, Inc.
MIC3263
January 2010
4
M9999-012110
P
ri
)
Pin Number
Pin N
in Desc ption (Continued
ame
Pin Function
10
IS
imming Current Set:
ng current from 15mA to 30mA. Use 2kΩ for 30mA,
ET
LED D
Connect a resistor-to-GND to set the dimmi
and 3kΩ for 20mA.
11
CRV
F capacitor-to-GND.
Capacitor reference voltage: Connect a 2.2µ
12
AGND
nalog signal Ground.
A
13, 14, 15, 16,
7, 18
1 ─
Channel Current Sinker:
ch channel of LEDs to one current sinker.
1
IO
IO6
LED
Connect the cathode of ea
19
NC
No Connect.
20
PG
und.
ND
Power Gro
21
VS
al power NPN collector.
W
Switch Node: Intern
22
E
nnect HIGH or LOW; do not float.
N
Enable Pin: Co
23
VIN
Supply: 6V to 40V.
24
VDD
Output of internal LDO:
Connect a 10µF capacitor-to-GND.
EP
Connect to PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com