Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3263YML Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MIC3263YML
Description  Six-Channel WLED Driver for Backlighting Applications with Flicker-Free Dimming
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3263YML Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MIC3263YML Datasheet HTML 17Page - Micrel Semiconductor MIC3263YML Datasheet HTML 18Page - Micrel Semiconductor MIC3263YML Datasheet HTML 19Page - Micrel Semiconductor MIC3263YML Datasheet HTML 20Page - Micrel Semiconductor MIC3263YML Datasheet HTML 21Page - Micrel Semiconductor MIC3263YML Datasheet HTML 22Page - Micrel Semiconductor MIC3263YML Datasheet HTML 23Page - Micrel Semiconductor MIC3263YML Datasheet HTML 24Page - Micrel Semiconductor MIC3263YML Datasheet HTML 25Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Micrel, Inc.
MIC3263
January 2010
21
M9999-012110
3 shows that
Equation
LOAD
2
D' R
s=
L
is a right-half plane
PZ):
Equa
zero (fRH
tion 4:
RHP Zero→
LOAD
RHPZ
2
D' R
f=
2πL
The loop bandwidth should be about 1/10 of t
th t there is
his greatly
fer function
nalyzer.
source. Tie
will operate
g CRV to a
nt DC voltage, this effectively opens the CRV
control loop and allows the measurement of the boost
control loop. GVC(S) can be calculated with a
using the above equation. From the bode plot of GVC(S)
find what the gain of VC(s) is at 1/10 of fRHPZ or
t
design the error amp gain GEA(s) so the loop g
cross over frequency T(fCO) is 0db where fCO =1
or lower.
Figure 14. Error Amp Transfer Function
The error amp is a gm type and the gain – GEA(S) – is:
Equation 5
:
he fRHPZ to
ensure stability. From Equation 3, it is shown
only the single pole due to RLOADCOUT. T
simplifies the compensation.
One needs only to get a bode plot of the trans
of the control to output GVC(S) with a network a
To measure GVC(S), tie CRV to a DC voltage
CRV to the steady state voltage that CRV
usually between 1V and 2.4V. By connectin
consta
a
computer
G
less. Nex
ain at the
/10 of fRHPZ
Error Amp
⎛⎞
⎛⎞
⎜⎟
⎜⎟
⎝
⎝
gm = 0.056mA/V and ZO = 5MΩ. T
⎠⎠
ea
m
COMP
COMP
II
1
G(s) = g
Z
R
+
o
sC
he error amplifier zero is
COMP COMP
1
f=
Zero
2πRC
. Set the fCO at the mid band
where GEA(fCO) = gm × RCOMP. At fZERO × 10 the phase boost
is near its maximum.
-100
-80
-60
-40
-20
Figure 15. Internal Error Amp and External Compensation
le 1
Conditions: VIN = 12V, VOUT = 29V, IOUT = 0.18A, L = 22μH,
COUT = 4.7μF R
= VOUT/IOUT = 161Ω. When VCRV =
1.8V, the
is:
Examp
LOAD
RHPZ
f
LOAD
RHPZ
2
D' R
f=
= 162kH
2πL
z
Figure 16 shows a plot of:
( )
()
⎛⎞
⎜⎟
⎜⎟
⎛⎞
⎛⎞
⎝⎠
⎜⎟⎜⎟ ⎛⎞
⎝⎠⎝⎠
⎜⎟
⎝⎠
OUT
vc
CONTROL
LOAD
LOAD
LOAD OUT
Vs
G(s) =
Vs
sL
1-
2
D' R
D'R
1
=
sR
C
Ri
2
1+
2
0
20
40
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
Freq
Gain
Phase
Midband Gain
Fzero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com