Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3263YML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC3263YML
Description  Six-Channel WLED Driver for Backlighting Applications with Flicker-Free Dimming
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3263YML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC3263YML Datasheet HTML 1Page - Micrel Semiconductor MIC3263YML Datasheet HTML 2Page - Micrel Semiconductor MIC3263YML Datasheet HTML 3Page - Micrel Semiconductor MIC3263YML Datasheet HTML 4Page - Micrel Semiconductor MIC3263YML Datasheet HTML 5Page - Micrel Semiconductor MIC3263YML Datasheet HTML 6Page - Micrel Semiconductor MIC3263YML Datasheet HTML 7Page - Micrel Semiconductor MIC3263YML Datasheet HTML 8Page - Micrel Semiconductor MIC3263YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Micrel, Inc.
MIC3263
January 2010
3
M9999-012110
mati
Junction Temperature Range
Package
Lead Finish
Ordering Infor
on
(1)
Part Number
MIC3263YML
–40° to +125°C
24-Pin 4mm x 4mm MLF®
Pb-Free
Note:
1. Other Voltage available. Contact Micrel for detail
Pin Configuration
24-Pin 4mm x 4mm MLF®
Pin Description
Pin Number
Pin Name
Pin Function
1
FS
Hz to 1.8MHz.
W
Booster Switching Frequency:
Connect a resistor-to-GND to set the switching frequency from 400k
2
RS
ent Resistor.
LP
Slope Compensation Adjustm
3
OV
ltage divider virtual ground.
PS
OVP and FB vo
4
O
or amp in the Boost stage.
VP
Overvoltage Protection Input. This is also the FB voltage for the err
5
MO
equency range:
z and VDD for 1.5kHz to 20kHz. If DFS is connected to VDD, MODE pin is
for an external dimming pulse input.
DE
Select a dimming fr
0V for 100Hz to 2kH
used
6
DF
Hz through an external resistor and MODE.
Requires a series RC for stability.
If DFS is connected to VDD, an external dimming pulse can be applied to the MODE pin.
S
Set a dimming frequency from 100Hz to 20k
7
COMP
Loop Compensation connect R and C-to-GND.
8
DRC
Dimming Ratio Control Pulse:
Its duty cycle is converted to one of 16 dimming levels. The duty-cycle difference between two
adjacent levels is ±6.25%. And about 2% duty-cycle hysteresis exists between two adjacent
levels to eliminate dimming flicker.
DRC can be from 100Hz to 40kHz.
9
CINT
Integration Cap:
Use a 0.01µF for 2kHz to 20kHz and 0.1µF for 100Hz ─ 2kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com