Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2010GS Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPXM2010GS
Description  Water Level Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2010GS Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPXM2010GS Datasheet HTML 11Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 12Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 13Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 14Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 15Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 16Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 17Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 18Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AN1950
Sensors
Freescale Semiconductor
15
bne try10
ldhx #msg02c
;if $02
bra showit
try10: cmp #$01
bne try0
ldhx #msg02b
;if $01
bra showit
try0:
ldhx #msg02a
;otherwise this one
showit: jsr lcdstro
jsr del1s
;1s between pressure/altitude readings
brset 1,porta,contin ;exit only if SEL
brset 2,porta,contin ;and ENT pressed together
jmp MENU
contin: jmp LVLwarm
;__________________________________________________________
LfNx:
sub N1
;*** PX=f(NX,N2,N1) ***
ldx UnitType
;$A0=160 for cm, $3F=63 for in
mul
sta NA
stx NB
clr NC
;NCNBNA:=(NX-N1)* (conversion value: 160 or 63)
lda N2
sub N1
sta DA
clr DB
clr DC
jsr NdivD
;RBRA:=(NX-N1)*(conversion value)/(N2-N1)
lda RA
cmp #$C8
;check to see if result is negative
bcs noovflw
;if <$C8 we are OK
ovflw: clr RA
;otherwise force level to 0!
noovflw: lda RA
rts
;__________________________________________________________
NdivD: clr RA
;RBRA:=NCNBNA/DCDBDA
clr RB
;destroys NCNBNA and DCDBDA
keepatit: lda RA
add #$01
sta RA
lda RB
adc #$00
sta RB
;increment RB:RA
lda NA
sub DA
sta NA
lda NB
sbc DB
sta NB
lda NC
sbc DC
sta NC
;NC:NB:NA:=NC:NB:NA-DC:DB:DA
bcc keepatit
;keep counting how many times until overflow
lda RA
sub #$01
sta RA
lda RB
sbc #$00
sta RB
;we counted once too many, so undo that



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com