Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2010GS Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MPXM2010GS
Description  Water Level Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2010GS Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPXM2010GS Datasheet HTML 14Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 15Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 16Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 17Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 18Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 19Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 20Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 21Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AN1950
Sensors
18
Freescale Semiconductor
bclr 4,porta
bclr 5,porta
;LEDs off
rts
;-------- WRITE TO EEPROM Routines ----------------------------------
;
wrflash: burns A into flash at location pointed by H:X
;
-------
wrflash: sthx flshadr
;this is the address in the flash
sta flshbyt
;and the byte we want to put there
tsx
sthx memSP
;store SP in memSP, so it can be temporarily used as a 2nd index register
ldhx #ramfree+1
;SP now points to RAM (remember to add 1 to the address!!!, HC08 quirk)
txs
;SP changed (careful not to push or call subroutines)
ldhx #ersflsh
;H:X points to beginning of flash programming code
doall: lda 0,x
;get 1st byte from flash
sta 0,sp
;copy it into RAM
aix #$0001
;HX:=HX+1
ais #$0001
;SP:=SP+1
cphx #lastbyt
;and continue until we reach the last byte
bne doall
ldhx memSP
;once done, restore the SP
txs
jsr ramfree
;and run the subroutine from RAM, you cannot write the flash while
rts
;running a code in it, so the RAM has to take over for that piece
;- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
;*************** THE FOLLOWING CODE WILL BE COPIED INTO AND WILL RUN FROM RAM ******
ersflsh: lda #$02
;textbook way to erase flash
sta flcr
lda flbpr
clra
ldhx flshadr
sta 0,x
bsr delayf
lda #$0A
sta flcr
bsr delayf
lda #$08
sta flcr
bsr delayf
clra
sta flcr
bsr delayf
pgmflsh: lda #$01
;textbook way to program flash
sta flcr
lda flbpr
clra
ldhx flshadr
sta 0,x
bsr delayf
lda #$09
sta flcr
bsr delayf
lda flshbyt
ldhx flshadr
sta 0,x
bsr delayf
lda #$08
sta flcr
bsr delayf
clra
sta flcr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com