Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2010GS Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPXM2010GS
Description  Water Level Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2010GS Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPXM2010GS Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AN1950
Sensors
2
Freescale Semiconductor
Amplifier Induced Errors
The sensor output needs to be amplified before being
inputted directly to the microcontroller through an eight-bit A/D
input pin. To determine the amplification requirements, the
pressure sensor output characteristics and the 0-5 V input
range for the A/D converter had to be considered.
The amplification circuit uses three op-amps to add an
offset and convert the differential output of the MPXM2010GS
sensor to a ground-referenced, single-ended voltage in the
range of 0–5.0 V.
The pressure sensor has a possible offset of ±1 mV at the
minimum rated pressure. To avoid a nonlinear response when
a pressure sensor chosen for the system has a negative offset
(VOFF), we added a 5.0 mV offset to the positive sensor output
signal. This offset will remain the same regardless of the
sensor output. Any additional offset the sensor or op-amp
introduces is compensated for by software routines invoked
when the initial system calibration is done.
To determine the gain required for the system, the
maximum output voltage from the sensor for this application
had to be determined. The maximum output voltage from the
sensor is approximately 12.5 mV with a 5.0 V supply since the
full-scale output of the sensor changes linearly with supply
voltage. This system will have a maximum pressure of 4 kPa
at 40 cm of water. At a 5.0 V supply, we will have a maximum
sensor output of 5 mV at 4 kPa of pressure. To amplify the
maximum sensor output to 5.0 V, the following gain is needed:
Gain = (Max Output needed) / (Max Sensor Output
and Initial Offset) = 5.0 V / (0.005 V + 0.005) = 500
The gain for the system was set for 500 to avoid railing from
possible offsets from the pressure sensor or the op-amp.
The Voltage Outputs from the sensor are each connected
to a non-inverting input of an op-amp. Each op-amp circuit has
the same resistor ratio. The amplified voltage signal from the
negative sensor lead is VA. The resulting voltage is calculated
as follows:
VA = (1+R8/R6) * V4
= (1+10/1000) * V4
= (1.001) * V4
The amplified voltage signal from the positive sensor lead
is VB. This amplification adds a small gain to ensure that the
positive lead, V2, is always greater than the voltage output
from the negative sensor lead, V4. This ensures the linearity
of the differential voltage signal.
VB = (1+R7/R5) * V2 – (R7/R5) * VCC
= (1+10/1000) * V2 + (10/1000)*(5.0 V)
= (1.001) * V2 + 0.005 V
The difference between the positive sensor voltage, VB,
and the negative sensor voltage, VA is calculated and
amplified with a resulting gain of 500.
VC = (R12/R11) * (VB – VA)
= (500 K/1K) * (VB – VA)
= 500 * (VB – VA)
The output voltage, VC, is connected to a voltage follower.
Therefore, the resulting voltage, VC, is passed to an A/D pin of
the microcontroller.
The range of the A/D converter is 0 to 255 counts. However,
the A/D Values that the system can achieve are dependent on
the maximum and minimum system output values:
Count = (VOUT – VRL) / ( VRH – VRL) x 255
where VXdcr = Transducer Output Voltage
VRH = Maximum A/D voltage
VLH = Minimum A/D voltage
Count (0 mm H20) = (2.5 – 0) / (5.0 – 0) * 255 = 127
Count (40 mm H20) = (5.0 – 0) / (5.0 – 0) * 255 = 255
Total # counts = 255 – 127 = 127 counts.
The resolution of the system is determined by the mm of
water represented by each A/D count. As calculated above,
the system has a span of 226 counts to represent water level
up to and including 40 cm. Therefore, the resolution is:
Resolution = mm of water / Total # counts
= 400mm/127 counts = 3.1 mm per A/D count
Table 1. MPXM2010D OPERATING CHARACTERISTICS (VS = 10 VDC, TA = 25°C unless otherwise noted, P1 > P2)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range
POP
0—
10
kPa
Supply Voltage
VS
—10
16
Vdc
Supply Current
IO
—6.0
–
mAdc
Full Scale Span
VFSS
24
25
26
mV
Offset
Voff
-1.0
—
1.0
mV
Sensitivity
DV/DP
—
2.5
—
mV/kPa
Linearity
—
-1.0
—
1.0
%VFSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com