Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2010GS Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MPXM2010GS
Description  Water Level Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2010GS Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPXM2010GS Datasheet HTML 15Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 16Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 17Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 18Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 19Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 20Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 21Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 22Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AN1950
Sensors
Freescale Semiconductor
19
bsr delayf
rts
delayf: ldhx #$0005
;wait 5x20us
mov #$36,tsc
;stop TIM & / 64
sthx tmodh
;count H:X x 20us
bclr 5,tsc
;start clock
delayfls: brclr 7,tsc,delayfls
rts
;this RTS will move from RAM back into EEPROM
lastbyt: nop
;*************** END OF CODE THAT WILL BE COPIED INTO AND WILL RUN FROM RAM ******
;-------- DELAY Routines --------------------------------------------
;
del1s: generates a 1s delay
;
-----
del1s: pshh
pshx
ldhx #$C350
;1 second delay=$C350=50000 x 20us
bra delmain
;- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
;
del100ms: generates a 100ms delay
;
--------
del100ms: pshh
pshx
ldhx #$1388
bra delmain
;- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
;
del50ms: generates a 50ms delay
;
-------
del50ms: pshh
pshx
ldhx #$09C4
bra delmain
;- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
;
del25ms: generates a 25ms delay
;
-------
del25ms: pshh
pshx
ldhx #$04E2
bra delmain
;- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
;
del5ms: generates a 5ms delay
;
------
del5ms: pshh
pshx
ldhx #$00FA
bra delmain
;- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
;
del1ms: generates a 1ms delay
;
------
del1ms: pshh
pshx
ldhx #$0032
bra delmain
;- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
;
del100us: generates a 100us delay
;
-----
del100us: pshh
pshx
ldhx #$0005
bra delmain
;- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com