Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AS Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPXM2102AS
Description  Altimeter and Barometer System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2102AS Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPXM2102AS Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AN1979
Sensors
Freescale Semiconductor
4
Table 2 shows the theoretical maximum resolution that this
reference design can achieve. However, factors such as noise
within the circuit, sensitivity of the sensor, and voltage offsets
in the amplification scheme should be taken into
consideration. Accommodating for these factors in the
software can filter out some of these factors.
Further testing is required to determine the accuracy of the
reference design without the limiting A/D converter.
DISPLAY
The display of the barometric pressure, barometric
pressure history, current calculated altitude, and a simple
weather prediction is displayed on a 16x2 LCD.
Figure 4. Barometric Display
Due to the limited number of bi-directional data pins on the
microcontroller, a system was designed to serially buffer the
display data. Using a shift register to hold display data, the
LCD is driven with only three lines of output from the
microcontroller: an enable line, a data line, and a clock signal
while the two LEDs are multiplexed with the data line and
clock signal.
Figure 5. Multiplexed LCD Circuit
Table 2. Microcontroller Accuracy Comparisons
Z (ft)
P (kPa)
V (mV)
Amp scheme
Vamp (mV)
Vamp – 1 bit
P0
Px
∆Z (m)
∆Z (ft)
Micro
-1000
105
20.265
(Vx–12.8)*650
4852.3
4832.6
20.265
20.235
12.66
41.54
8 bits
12000
64.259
12.852
33.8
14.2
12.852
12.822
19.97
65.53
8 bits
-1000
105
20.265
(Vx–12.8)*650
4852.3
4847.4
20.265
20.257
3.15
10.35
10 bits
12000
64.259
12.852
33.8
28.9
12.852
12.844
4.97
16.32
10 bits
-1000
105
20.265
(Vx–12.8)*650
4852.3
4851
20.265
20.263
0.79
2.59
12 bits
12000
64.259
12.852
33.8
32.6
12.852
12.85
1.24
4.08
12 bits
-1000
105
20.265
(Vx–12.8)*650
4852.3
4852.2
20.265
20.265
0.05
0.16
16 bits
12000
64.259
12.852
33.8
33.7
12.852
12.852
0.08
0.25
16 bits
101.3kPam
+1170 ft
SEL
ENT
FREESCALE
Select Button
Enter Button
steady
_-------
-----_----- -----_
Barometric Pressure
History
Simple Weather
Prediction
Altitude
(must calibrate)
Barometric Pressure
EN
RS
RW
D80
D81
D82
D83
D84
D85
D86
D87
VEE
LCD
A
B
CLK
HC164
R3
1 K
R2
1 K
PTA3
PTA4
PTA5
HC908QT4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com