Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AS Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPXM2102AS
Description  Altimeter and Barometer System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2102AS Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPXM2102AS Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 10Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AN1979
Sensors
7
Freescale Semiconductor
air, the rising air will cool, the air will condense forming clouds
and precipitation in the form of rain or snow.
This reference design saves the current pressure reading
and compares it to past pressure measurements. It
determines if there was a pressure drop or a pressure
increase. Using this information, it makes a simple weather
prediction by sending a message of ‘sunny’ for a pressure
increase, ‘rainy for a pressure drop, and ‘steady’ for no
significant change in pressure.1
CONCLUSION
The Altimeter is one of many applications for the
MPXM2102AS pressure sensor. This reference design can be
used as a reference for developing more integrated
barometer applications such as hand-held weather stations,
altimeter features for camera or GPS systems, as well as
barometric pressure monitoring systems for industrial
systems. The MPXM2102AS is an excellent pressure sensor
for this application since it is calibrated and temperature
compensated. By having these features available on-chip,
there is a large savings in PCB real estate in addition to
savings in cost for external components
.
1. This information was found from the USA Today Weather Book from USAToday.com.
Table 4. Elevation Pressure and Temperature Changes
Altitude Above Sea Level
Temperature
Barometer
Atmospheric Pressure
Feet
Meters
F
C
mm * Hg
psi
kPa
-1000
-305
63
17
787.9
15.23
105.0
-500
-153
61
16
773.9
14.96
103.1
0
0
59
15
760.0
14.69
101.33
500
153
57
14
746.3
14.43
99.49
1000
305
55
13
733.0
14.16
97.63
1500
458
54
12
719.6
13.91
95.91
2000
610
52
11
706.6
13.66
94.19
2500
763
50
10
693.9
13.41
92.46
3000
915
48
9
681.2
13.17
90.81
3500
1068
47
8
668.8
12.93
89.15
4000
1220
45
7
656.3
12.69
87.49
4500
1373
43
6
644.4
12.46
85.91
5000
1526
41
5
632.5
12.23
84.33
6000
1831
38
3
609.3
11.78
81.22
7000
2136
34
1
586.7
11.34
78.19
9000
2441
31
-1
564.6
10.91
75.22
9000
2746
27
-3
543.3
10.5
72.40
10,000
3050
23
-5
522.7
10.1
69.64
15,000
4577
6
-14
429.0
8.29
57.16



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com