Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AS Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPXM2102AS
Description  Altimeter and Barometer System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2102AS Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPXM2102AS Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AN1979
Sensors
Freescale Semiconductor
2
Amplifier Selection and Amplifier Induced Errors
The main goal of the signal conditioning circuit is to convert
the MPX2102A differential output to a single-ended, ground-
referenced output. The differential output is extremely small
for the MCU to process so a conditioning circuit also needs to
provide amplification.
This reference design has a barometric pressure range of
64 kPa to 105 kPa. The output of the sensor is ratiometric to
the supply voltage and the supply voltage is 5.0 V, the FSS,
Sensitivity, and Offset are 5.0 V/10 V, or half, of the specified
values at a 10 V supply. Using these calculated sensitivity and
offset ranges, the lowest and highest possible values were
calculated.
VOUT = (Applied Pressure * Sensitivity) ± Offset
VOUT at 64 kPa = 64 kPa * 0.2 mV/kPa — 1 mV = 11.32 mV
VOUT at 105 kPa = 105 kPa * 0.2 mV/kPa + 1 mV = 21.0 mV
These values were found to be 11.32 mV to 22.79 mV
differential output from the sensor.
Two-Stage Design
This two-stage design level shifts the differential output
voltage of the sensor by subtracting an offset voltage from
each of the sensor outputs, then uses a differential
amplification as shown in Figure 2.
After the first stage of amplification, the output of op-amp A is:
VA = (1+R8/R6) x V4 – (R8/R6) x VS(1)
= (1+10/4.42k) x V4 – (10/4.42k) x 5.0 V
= (1+10/4.42k) x V4 – 11.3 mV
and the output of op-amp B is:
VB = (1+R7 / R5) x V2 – (R7 / R5) x VS(2)
= (1+10/4.42 k) x V2 – (10/4.42 k) x 0 V
= (1+10/4.42 k) x V2 – 0
The second stage of amplification connects these two
outputs to a common differential amplifier (op-amp C) also
shown in Figure 3. With some algebraic manipulation, the
output voltage (VOUT) of the entire amplification circuit is
VC = (R12/R11) x [(1+R8/R6) x (V2 - V4) – (R8/R6) x VS](3)
= (412K/1 k) x [(1+10/4.42 K) x (V2 - V4) – (10/4.42 K) * 5 V]
= (412) x [(1.002) x (V2 - V4) – 11.3 mV]
= 412 x (V2 - V4) –11.3 mV
Table 1. MPXM2102A Operating Characteristics
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range
POP
0
—
100
kPa
Supply Voltage
VS
—10
15
Vdc
Supply Current
IO
—6.0—
mAdc
Full Scale Span
VFSS
38.5
40
41.5
mV
Offset
Voff
-1.0
-2.0
—
—
1.0
2.0
mV
Sensitivity
MPX2102D Series
MPX2102A Series
∆V/∆P
—0.4—
MV/kPa
Linearity
MPX2102D Series
MPX2102A Series
—
—
-0.6
-1.0
—
—
0.4
1.0
%VFSS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com