Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AS Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPXM2102AS
Description  Altimeter and Barometer System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2102AS Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXM2102AS Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Freescale Semiconductor, Inc., 2006. All rights reserved.
AN1979
Rev 3, 11/2006
Freescale Semiconductor
Application Note
Altimeter and Barometer System
by: Michelle Clifford and Fernando Gonzalez
Sensor Products Division, Tempe, AZ
INTRODUCTION
With smaller packages and lower costs, pressure sensors
can be designed into more consumer applications. This
document describes a reference design for a digital barometer
and altimeter using the MPXM2102A pressure sensor in the
low cost MPAK package, a quad op-amp, and the
MC68HC908QT4 microcontroller. This system continuously
monitors the barometric pressure and compares it to previous
pressure readings to update altitude and weather predictions.
This reference design enables the user to evaluate a
Freescale Semiconductor, Inc. pressure sensor for barometer,
personal weather station and altimeter applications. This
reference design also allows customers to evaluate barometer
pressure readings obtainable from the MPXM2102A sensor
for watches or GPS systems with this feature. In addition,
many systems require barometric pressure data to correct
system response errors. This application note describes the
reliability and accuracy that our sensors can provide in this
system.
SYSTEM DESIGN
Pressure Sensor
The barometer/altimeter system requires a pressure
sensor that has a pressure range of 64 kPa to 105 kPa.
Freescale Semiconductor, Inc. has a broad portfolio of silicon
piezo-resistive pressure sensors. They provide a very
accurate and linear voltage output directly proportional to the
applied pressure. By evaluating the application design and
cost, the right pressure sensor can be selected from our
portfolio.
Figure 1. Pressure Sensor
There are three types of pressure measurements: gauge,
absolute, and differential. Since this reference design
measures changes in ambient pressure, we need a known
pressure reference. Therefore, an absolute pressure sensor
was selected. Freescale offers three levels of integration: un-
compensated, compensated, and integrated. Since there can
be large temperature changes from one elevation to another
the sensor for this reference design needs to be offset
calibrated and temperature compensated. Therefore a
compensated sensor was selected requiring external
amplification circuitry. However, integrated solutions such as
the MPXM5100A, can also be considered, thereby eliminating
the need for the external amplification circuitry.
Knowing the range of pressure, the type of pressure
measurement, and the level of integration required for this
application, the MPXM2102A sensor was selected. The
sensor has both temperature compensation and calibration
circuitry on the silicon and is capable of producing a linear
output voltage in the range of 0 to 100 kPa, but can be pushed
further up to 105 kPa with linear results. The characteristics of
this sensor are described in greater detail in Table 2. A 5-volt
supply was used throughout the circuit to power the
components. Since the MPXM2102A is ratio metric, meaning
the output voltage changes linearly with the supply voltage,
the sensor will have a full scale span of 20 mV instead of the
specified 40 mV at a 10 V supply. The calculation of the full
scale span is shown below:
(VS actual/VS spec) x VOUT full-scale spec = VOUT full-scale
(5.0 V/ 10 V) x 40 mV = 20 mV
One of the most important decisions for a pressure
application is the packaging. Freescale has a large offering of
pressure packaging options. To minimize the space of a final
application, the MPAK package was selected. A non-ported
MPAK is the ideal pressure sensor package for hand held
GPS units or altimeter watches due to its small size. However,
a ported MPAK package can also be selected, allowing a tube
to be attached to the port for testing and demonstration
purposes.
Figure 2. MPXM2102A Case 1320A-02


Similar Part No. - MPXM2102AS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXM2102AS MOTOROLA-MPXM2102AS Datasheet
6Mb / 670P
Sensor
MPXM2102AS MOTOROLA-MPXM2102AS Datasheet
98Kb / 8P
100 kpa ON - CHIP TEMPERATURE COMPENSATED AND CALIBRATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPXM2102AS FREESCALE-MPXM2102AS Datasheet
262Kb / 9P
100 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2102AS FREESCALE-MPXM2102AS Datasheet
299Kb / 16P
100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPXM2102AS FREESCALE-MPXM2102AS Datasheet
335Kb / 16P
100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
More results

Similar Description - MPXM2102AS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMD500 ETC2-SMD500 Datasheet
211Kb / 10P
Altimeter / Barometer Module ultra low power, low voltage
HP203B ETC2-HP203B Datasheet
860Kb / 18P
PRECISION BAROMETER AND ALTIMETER SENSOR
HP206C ETC2-HP206C Datasheet
574Kb / 17P
PRECISION BAROMETER AND ALTIMETER SENSOR
logo
HOPE Microelectronics C...
HP203B HOPE-HP203B Datasheet
860Kb / 18P
PRECISION BAROMETER AND ALTIMETER SENSOR
HP203N HOPE-HP203N Datasheet
694Kb / 12P
PRECISION BAROMETER AND ALTIMETER SENSOR
HP206C HOPE-HP206C Datasheet
574Kb / 17P
PRECISION BAROMETER AND ALTIMETER SENSOR
HP206F HOPE-HP206F Datasheet
621Kb / 16P
PRECISION BAROMETER AND ALTIMETER S
HP303S HOPE-HP303S Datasheet
889Kb / 30P
PRECISION BAROMETER AND ALTIMETER SENSOR
HP5804 HOPE-HP5804 Datasheet
502Kb / 12P
PRECISION BAROMETER AND ALTIMETER SENSOR
HP5806 HOPE-HP5806 Datasheet
725Kb / 25P
PRECISION BAROMETER AND ALTIMETER SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com