Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE610QTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STMPE610QTR
Description  S-Touch?? advanced touchscreen controller with 6-bit port expander
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE610QTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STMPE610QTR Datasheet HTML 14Page - STMicroelectronics STMPE610QTR Datasheet HTML 15Page - STMicroelectronics STMPE610QTR Datasheet HTML 16Page - STMicroelectronics STMPE610QTR Datasheet HTML 17Page - STMicroelectronics STMPE610QTR Datasheet HTML 18Page - STMicroelectronics STMPE610QTR Datasheet HTML 19Page - STMicroelectronics STMPE610QTR Datasheet HTML 20Page - STMicroelectronics STMPE610QTR Datasheet HTML 21Page - STMicroelectronics STMPE610QTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
System and identification registers
STMPE610
18/56
Doc ID 15432 Rev 3
7
System and identification registers
Table 12.
System and identification registers map
CHIP_ID
Device identification
Address:
0x00
Type:
R
Reset:
0x0811
Description:
16-bit device identification
ID_VER
Revision number
Address:
0x02
Type:
R
Reset:
0x03
Description:
16-bit revision number
SYS_CTRL1
Reset control
Address:
0x03
Type:
R/W
Reset:
0x00
Description:
The reset control register enables to reset the device
Address
Register name
Bit
Type
Reset
Function
0x00
CHIP_ID
16
R
0x0811
Device identification
0x02
ID_VER
8
R
0x03
Revision number
0x01 for engineering sample
0x03 for final silicon
0x03
SYS_CTRL1
8
R/W
0x00
Reset control
0x04
SYS_CTRL2
8
R/W
0x0F
Clock control
0x08
SPI_CFG
8
R/W
0x01
SPI interface configuration
76
543
2
1
0
RESERVED
SOFT_RESET
HIBERNATE
[7:2] RESERVED
[1] SOFT_RESET: Reset the STMPE610 using the serial communication interface
[0] HIBERNATE: Force the device into hibernation mode.
Forcing the device into hibernation mode by writing ‘1’ to this bit would disable the hot-key
feature. If the hot-key feature is required, use the default auto-hibernation mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com