Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE610QTR Datasheet(PDF) 37 Page - STMicroelectronics

Part # STMPE610QTR
Description  S-Touch?? advanced touchscreen controller with 6-bit port expander
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE610QTR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STMPE610QTR Datasheet HTML 33Page - STMicroelectronics STMPE610QTR Datasheet HTML 34Page - STMicroelectronics STMPE610QTR Datasheet HTML 35Page - STMicroelectronics STMPE610QTR Datasheet HTML 36Page - STMicroelectronics STMPE610QTR Datasheet HTML 37Page - STMicroelectronics STMPE610QTR Datasheet HTML 38Page - STMicroelectronics STMPE610QTR Datasheet HTML 39Page - STMicroelectronics STMPE610QTR Datasheet HTML 40Page - STMicroelectronics STMPE610QTR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
STMPE610
Touchscreen controller
Doc ID 15432 Rev 3
37/56
TSC_FRACTION_Z
Touchscreen controller FRACTION_Z
Address:
0x56
Type:
R
Reset:
0x00
Description:
This register allows to select the range and accuracy of the pressure measurement
TSC_I_DRIVE
Touchscreen controller drive I
Address:
0x58
Type:
R/W
Reset:
0x00
Description:
This register sets the current limit value of the touchscreen drivers
76
543
2
1
0
RESERVED
FRACTION_Z
[7:3] RESERVED
[2:0] FRACTION_Z:
000: Fractional part is 0, whole part is 8
001: Fractional part is 1, whole part is 7
010: Fractional part is 2, whole part is 6
011: Fractional part is 3, whole part is 5
100: Fractional part is 4, whole part is 4
101: Fractional part is 5, whole part is 3
110: Fractional part is 6, whole part is 2
111: Fractional part is 7, whole part is 1
76
543
2
1
0
RESERVED
DRIVE
[7:1] RESERVED
[0] DRIVE: maximum current on the touchscreen controller (TSC) driving channel
0: 20 mA typical, 35 mA max
1: 50 mA typical, 80 mA max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com