Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE610QTR Datasheet(PDF) 35 Page - STMicroelectronics

Part # STMPE610QTR
Description  S-Touch?? advanced touchscreen controller with 6-bit port expander
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE610QTR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STMPE610QTR Datasheet HTML 31Page - STMicroelectronics STMPE610QTR Datasheet HTML 32Page - STMicroelectronics STMPE610QTR Datasheet HTML 33Page - STMicroelectronics STMPE610QTR Datasheet HTML 34Page - STMicroelectronics STMPE610QTR Datasheet HTML 35Page - STMicroelectronics STMPE610QTR Datasheet HTML 36Page - STMicroelectronics STMPE610QTR Datasheet HTML 37Page - STMicroelectronics STMPE610QTR Datasheet HTML 38Page - STMicroelectronics STMPE610QTR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
STMPE610
Touchscreen controller
Doc ID 15432 Rev 3
35/56
FIFO_SIZE
FIFO size
Address:
0x4C
Type:
R
Reset:
0x00
Description:
Current number of samples available
TSC_DATA_X
TSC_DATA_X
Address:
0x4D
Type:
R
Reset:
0x0000
Description:
Bit 11:0 of Y dataTSC_DATA_Y
TSC_DATA_Y
Address:
0x4F
Type:
R
Reset:
0x0000
Description:
Bit 11:0 of Y data
TSC_DATA_Z
TSC_DATA_Z
Address:
0x51
Type:
R
Reset:
0x0000
Description:
Bit 7:0 of Z data
76
543
2
1
0
RESERVED
FIFO_SIZE
[7:0] FIFO_SIZE: Number of samples available
11
10
9
8765
43
2
1
0
DATAY[11:0]
[11:0] DATAY[11:0]: Bit 11:0 of Y data
11
10
9
8765
43
2
1
0
DATAY[11:0]
[11:0] DATAY[11:0]: bit 11:0 of Y data
76
543
2
1
0
DATAZ[7:0]
[7:0] DATAZ[7:0]: bit 7:0 of Z data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com